Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PET1600-12-074NA Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # PET1600-12-074NA
Description  AC input with power factor correction
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PET1600-12-074NA Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button PET1600-12-074NA Datasheet HTML 7Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 8Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 9Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 10Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 11Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 12Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 13Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 14Page - Bel Fuse Inc. PET1600-12-074NA Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PET1600-12-074NA
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00350_AC
The power supply operating parameters can be accessed through I2C interface. For more details refer to chapter
I2C /
PMBus COMMUNICATION and document URP.00234 (PET1600-12-074NA PMBus Communication Manual).
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Vi mon
Input RMS Voltage
Vi min LL
Vi Vi max HL
-2
+2
VAC
Ii mon
Input RMS Current
Ii > 6.7Arms
-3
+3
%
Ii
≤ 6.7Arms
-0.2
+0.2
Arms
Pi mon
True Input Power
Pi > 250W
-4
+4
%
Pi < 250W
-10
+10
W
V1 mon
V1 Voltage
-0.1
+0.1
VDC
I1 mon
V1 Current
I1 > 25A
-1
+1
%
I1
≤ 25A
-0.25
+0.25
ADC
P1 nom
V1 Output Power
Pi > 250W
-2
+2
%
Pi < 250W
-5
+5
W
VSB mon
VSB Voltage
-0.1
+0.1
VDC
ISB mon
VSB Current
-0.1
+0.1
ADC
TA mon
Inlet Temperature
TA min
≤ TA TA max
-2
+2
°C
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
PSON_H / HOTSTANDBYEN_H
VIL
Input Low Level Voltage
PSON_L: Main output enabled
-0.2
0.8
V
HOTSTANDBYEN_H: Hot Standby mode not allowed
VIH
Input High Level Voltage
PSON_L: Main output disabled
2
3.5
V
HOTSTANDBYEN_H: Hot Standby mode allowed
IIL,H
Maximum Input Sink or
Source Current
VI = -0.2V to +3.5V
-1
1
mA
Rpull up
Internal Pull up Resistor to
internal 3.3V
10
k
RLOW
Maximum external Pull
down Resistance to GND to
obtain Low Level
1
k
RHIGH
Minimum external Pull down
Resistance to GND to
obtain High Level
50
k
PWOK_H
VOL
Output Low Level Voltage
Vi < Vi min LL, VIsink < 4mA
0
0.4
V
VOH
Output High Level Voltage
Vi > Vi min LL, Isource < 0.5mA
2.4
3.5
V
Rpull up
Internal Pull up Resistor to
internal 3.3V
1
k
IOL
Maximum Sink Current
VO < 0.4V
4
mA


Similar Part No. - PET1600-12-074NA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PET1600-12-074NA BEL-PET1600-12-074NA Datasheet
1Mb / 25P
   AC-DC FRONT-END POWER SUPPLY
PET1600-12-074NA BEL-PET1600-12-074NA_18 Datasheet
1Mb / 25P
   AC-DC FRONT-END POWER SUPPLY
More results

Similar Description - PET1600-12-074NA

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PET800-12-0740A BEL-PET800-12-0740A Datasheet
1Mb / 20P
   AC Input With Power Factor Correction
PFE1100-12-054XA BEL-PFE1100-12-054XA Datasheet
2Mb / 25P
   AC input with power factor correction
PFC500 BEL-PFC500 Datasheet
823Kb / 5P
   Power Factor Correction meets EN61000-3-2 (AC input versions)
logo
Analog Devices
ADP1048W AD-ADP1048W Datasheet
1Mb / 82P
   Digital Power Factor Correction Controller with Accurate AC Power Metering
Rev. 0
logo
Cornell Dubilier Electr...
PFCSS24C0.5S572T CDE-PFCSS24C0.5S572T Datasheet
139Kb / 4P
   3-Phase AC Power Factor Correction Capacitors
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com