Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCR162 Datasheet(PDF) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # NCR162
Description  Network Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

NCR162 Datasheet(HTML) 2 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  NCR162 Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD NCR162 Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD NCR162 Datasheet HTML 3Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Construction
*2 ACR062, ACR102 and ACR104:
No marking
Model Designation
Dimension
Rating
Operating temperature range : -55
~ +125
Model No.
L
W
a1
a2
2.00±0.20
1.00±0.20
0.40±0.15
0.30±0.15
ACR102
ACR104
ACR164
ACR102
ACR104
ACR164
1.00±0.20
1.00±0.20
0.33±0.05
-
ACR062
0.85±0.05
0.60±0.05
0.37±0.05
-
3.20±0.10
1.60±0.10
0.60±0.15
0.40±0.15
Model No.
cd
p
0.20±0.15
0.20±0.15
(0.50)*3
0.35±0.10
0.30±0.20
0.25±0.15
(0.80)*3
0.50±0.10
0.20±0.15
0.25±0.10
(0.65)*3
0.35±0.05
ACR062
0.11±0.05
0.17±0.05
(0.50)*3
0.35±0.05
Symbol
Material List
Alumina substrate
Conductor
Resistive film
Over coat
Marking
Side termination
Rated Wattage
Resistance Range
T.C.R.
Max. Working Max. Overload
(70
)
E-24 Series ( )
(ppm/
)
Voltage (V)
Voltage (V)
Rated Current
Resistance
0.031W/Element
ACR102
(CRA104)
ACR164
(CRA168)
ACR104 *4
*4:0.063W/element is possible
0.063W/Element
ACR062
0.031W/Element
0.063W/Element
1A/Element Max. 50m
J±5
0
Type
Model No.
Tolerance
(%)
Circuit
10 ~ 1M
±200
50
100
12.5
25
ACR164 (CRA168)
102
ACR102 (CRA104)
ACR062
ACR104 (CRA108)
ACR164 (CRA168)
3 digit
Symbol
Tolerance
Symbol
Packaging
(Resistance) (Marking)
B
Bulk
0
000
VPaper
1k
102
JV
Taping
5
t
Convex Electrode Type
1005
2(1010)
0402
2(0404)
Model No.
(CRA104)
1005
4(2010)
0402
4(0804)
(CRA108)
1608
(3216)
0603
4(1206)
(CRA168)
ACR102
0603
2(0806)
0201
2(0302)
ACR062
ACR104
ACR164
Size Code mm
Inch
Size Code
0
type is no marking
a1
a2
t
P
L
P
a1
L
ACR062
ACR102
ACR104, ACR164
*3 (
): Reference value
Network Chip Resistors
*1
*1 ( ):Conventional Model No.
*1
*2
*1
Power rating, Packaging
Refer "Dimension, Packaging,etc."
Specifications are subject to change without notice.
HOKURIKU
2
Model No.
Resistance
Tolerance(%)
Packaging
Model No.
Resistance
Tolerance
Packaging
-
(CRA108)


Similar Part No. - NCR162

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
NCR162102JB HOKURIKU-NCR162102JB Datasheet
94Kb / 3P
   Network Chip Resistors
NCR162102JV HOKURIKU-NCR162102JV Datasheet
94Kb / 3P
   Network Chip Resistors
More results

Similar Description - NCR162

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
   Network Chip Resistors
logo
ABCO ELECTRONICS CO.LTD
RTN02-10T ABCO-RTN02-10T Datasheet
481Kb / 2P
   THICK FILM CHIP RESISTORS NETWORK
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
   RQL50 NETWORK RESISTORS
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
logo
Token Electronics Indus...
UPRNS610RA2C7 TOKEN-UPRNS610RA2C7 Datasheet
324Kb / 4P
   UPRNS Network Precision Resistors
UPRND210RA2C7 TOKEN-UPRND210RA2C7 Datasheet
343Kb / 4P
   UPRND Network Precision Resistors
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
   RN series, RA series, ultra-precision chip network resistors
logo
Bi technologies
BB1110RC BITECH-BB1110RC Datasheet
511Kb / 2P
   Resistor capacitor network Thick film resistors Ceramic chip capacitors
logo
Token Electronics Indus...
UPRA2C3P TOKEN-UPRA2C3P Datasheet
367Kb / 3P
   UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
   UPSC Extra Precision Network Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com