Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAP-BME-20-13N01 Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # HAP-BME-20-13N01
Description  Industry-thinnest contributes miniaturization of application
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

HAP-BME-20-13N01 Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  HAP-BME-20-13N01 Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Featues
Mini, Ultra Thin (φ20×0.6t), yet High Sound Pressure
Digital Still Camera, Digital Video Camera, MD(Mini Disk),
Cell Phone, Electronic Dictionary, Game, etc.
Solder-less Construction by HDK Printing Technology
Using High Reliability Multilayer Vibrating Plate by HDK-developed
High-efficient LTC Piezo material
Applications
Rating
Frequency Characteristics (Example)
Outer Dimension
Input Voltage 1Vrms Sine Wave Mic. Distance 10cm
Multilayer Type Mini Speaker
Specifications are subject to change without notice.
HOKURIKU
Industry-thinnest contributes miniaturization of application.
72dB Min. at 1Vrms Sine Wave, Mic. Distance 10cm,
Sound Pressure averaging at 0.8k, 1k, 1.5k, 2kHz
Resonant Frequency
1,150Hz~1,550Hz
Static Capacitance
700nF±30%
Rated Input Voltage
1Vrms (2.8Vp-p)
Maximum Input Voltage
10Vp-p
Operating Temperature Range -20℃ ~ +60℃
Storage Temperature Range
-30℃ ~ +70℃
Sound Pressure
50
60
70
80
90
100
100
1000
10000
Frequency (Hz)
12±0.1
(15)
φ18
(15.5)
0.6
2
(1)
Chassis mounting side
* More than 0.5mm of open spaces in front of and rear of speaker is recommended to provide.
Model No.
HAP-BME-20-13N01
2016.10.21


Similar Part No. - HAP-BME-20-13N01

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HAP-01-R MSYSTEM-HAP-01-R Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners H-UNIT
HAP-01-R/Q MSYSTEM-HAP-01-R/Q Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners H-UNIT
HAP-02-R MSYSTEM-HAP-02-R Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners H-UNIT
HAP-02-R/Q MSYSTEM-HAP-02-R/Q Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners H-UNIT
HAP-05-R MSYSTEM-HAP-05-R Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HAP-BME-20-13N01

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
logo
Panasonic Semiconductor
AXE510124 PANASONIC-AXE510124 Datasheet
321Kb / 6P
   The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
   1.27 mm contact pitch contributes to downsizing of electrical devices.
logo
Microsemi Corporation
1N6164AJANTX MICROSEMI-1N6164AJANTX Datasheet
514Kb / 7P
   This series of industry recognized voidless
logo
ALPS ELECTRIC CO.,LTD.
SKSV ALPS-SKSV Datasheet
837Kb / 3P
   Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
logo
Omron Electronics LLC
G6L-1F-DC5 OMRON-G6L-1F-DC5 Datasheet
354Kb / 10P
   Extremely Thin SPST-NO Flat Relay, One of the Thinnest Relays in the World
logo
ALPS ELECTRIC CO.,LTD.
SKTA ALPS-SKTA Datasheet
354Kb / 3P
   1.6mm width contributes to thinner devices
logo
E&E Magnetic Products L...
832-00550F EEMAGNETIC-832-00550F Datasheet
497Kb / 2P
   Applicable for the miniaturization required to reduce the size and weight of portable equipment
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
   Relays of general application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com