Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41692C8307Q003 Datasheet(PDF) 8 Page - TDK Electronics

Part # B41692C8307Q003
Description  Aluminum electrolytic capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41692C8307Q003 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B41692C8307Q003 Datasheet HTML 4Page - TDK Electronics B41692C8307Q003 Datasheet HTML 5Page - TDK Electronics B41692C8307Q003 Datasheet HTML 6Page - TDK Electronics B41692C8307Q003 Datasheet HTML 7Page - TDK Electronics B41692C8307Q003 Datasheet HTML 8Page - TDK Electronics B41692C8307Q003 Datasheet HTML 9Page - TDK Electronics B41692C8307Q003 Datasheet HTML 10Page - TDK Electronics B41692C8307Q003 Datasheet HTML 11Page - TDK Electronics B41692C8307Q003 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical data
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
ESRmax
100 Hz
40
°C
m
ESRmax
10 kHz
20
°C
m
Zmax
100 kHz
20
°C
m
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
VR = 25 V DC
1100
12
× 30
163
1230
114
110
4.6
3.4
2.3
1.5
1300
14
× 25
145
1040
103
100
4.5
3.3
2.3
1.5
2400
18
× 25
78
570
55
54
7.0
5.2
3.6
2.3
2500
16
× 30
84
550
61
59
6.2
4.6
3.2
2.1
3300
18
× 30
58
410
41
40
8.7
6.5
4.5
2.9
3600
16
× 39
59
380
43
42
8.3
6.2
4.3
2.8
4300
20
× 29
47
320
34
33
9.4
7.0
4.8
3.1
4700
18
× 39
41
290
29
29
11.7
8.7
6.0
3.9
7200
21
× 39
30
190
22
22
13.2
9.8
6.8
4.4
10000
21
× 49
23
140
17
16
16.7
12.4
8.6
5.6
VR = 40 V DC
620
12
× 30
189
1200
110
107
4.6
3.4
2.4
1.5
1000
14
× 30
124
750
75
72
5.6
4.2
2.9
1.9
1400
16
× 30
96
540
60
58
6.2
4.6
3.2
2.1
1800
16
× 35
76
420
48
46
7.4
5.5
3.8
2.5
1800
18
× 30
68
420
41
40
8.7
6.5
4.5
2.9
2000
16
× 39
68
380
43
41
8.3
6.2
4.3
2.8
2400
20
× 29
54
320
34
33
9.4
7.0
4.8
3.1
2600
18
× 39
48
290
29
28
11.7
8.7
6.0
3.9
3900
21
× 39
35
200
22
22
13.2
9.8
6.8
4.4
5100
21
× 49
27
150
17
17
16.7
12.4
8.6
5.6
VR = 63 V DC
300
12
× 30
279
1670
126
122
4.4
3.3
2.2
1.5
500
14
× 30
174
1000
82
79
5.5
4.1
2.8
1.8
700
16
× 30
131
730
65
63
6.1
4.5
3.1
2.0
900
18
× 30
96
560
45
44
8.5
6.3
4.3
2.8
1000
16
× 39
93
510
46
45
8.2
6.1
4.2
2.7
1200
20
× 29
75
420
36
35
9.2
6.8
4.7
3.1
1400
18
× 39
63
360
30
29
11.5
8.6
5.9
3.8
2000
21
× 39
47
260
24
23
13.0
9.7
6.7
4.3
2700
21
× 49
35
190
18
18
16.5
12.2
8.4
5.5
B41692, B41792
Compact
up to 140
°C
Page 8 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41692C8307Q003

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41692C0108Q001 TDK-B41692C0108Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
B41692C0158Q001 TDK-B41692C0158Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
B41692C0208Q001 TDK-B41692C0208Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
B41692C0227Q001 TDK-B41692C0227Q001 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
B41692C0227Q003 TDK-B41692C0227Q003 Datasheet
625Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B41692C8307Q003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com