Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763CS8-1.8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1763CS8-1.8
Description  500mA, Low Noise, LDO Micropower Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8-1.8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1763CS8-1.8 Datasheet HTML 7Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 8Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 9Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 10Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 11Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 12Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 13Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 14Page - Linear Technology LT1763CS8-1.8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1763 Series
1763fa
APPLICATIONS INFORMATION
The LT1763 series are 500mA low dropout regulators with
micropower quiescent current and shutdown. The devices
are capable of supplying 500mA at a dropout voltage of
300mV. Output voltage noise can be lowered to 20
µVRMS
over a 10Hz to 100kHz bandwidth with the addition of a
0.01
µF reference bypass capacitor. Additionally, the refer-
ence bypass capacitor will improve transient response of
the regulator, lowering the settling time for transient load
conditions. The low operating quiescent current (30
µA)
drops to less than 1
µA in shutdown. In addition to the low
quiescent current, the LT1763 regulators incorporate sev-
eral protection features which make them ideal for use in
battery-powered systems. The devices are protected
against both reverse input and reverse output voltages. In
battery backup applications where the output can be held
up by a backup battery when the input is pulled to ground,
the LT1763-X acts like it has a diode in series with its
output and prevents reverse current flow. Additionally, in
dual supply applications where the regulator load is re-
turned to a negative supply, the output can be pulled below
ground by as much as 20V and still allow the device to start
and operate.
Adjustable Operation
The adjustable version of the LT1763 has an output
voltage range of 1.22V to 20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the ADJ pin voltage
at 1.22V referenced to ground. The current in R1 is then
equal to 1.22V/R1 and the current in R2 is the current in R1
PIN FUNCTIONS
Note that the voltage drop across the external PC traces
will add to the dropout voltage of the regulator. The SENSE
pin bias current is 10
µA at the nominal rated output
voltage. The SENSE pin can be pulled below ground (as in
a dual supply system where the regulator load is returned
to a negative supply) and still allow the device to start and
operate.
ADJ (Pin 2): Adjust. For the adjustable LT1763, this is the
input to the error amplifier. This pin is internally clamped
to
±7V. It has a bias current of 30nA which flows into the
pin (see curve of ADJ Pin Bias Current vs Temperature in
the Typical Performance Characteristics section). The ADJ
pin voltage is 1.22V referenced to ground and the output
voltage range is 1.22V to 20V.
BYP (Pin 4): Bypass. The BYP pin is used to bypass the
reference of the LT1763 regulators to achieve low noise
performance from the regulator. The BYP pin is clamped
internally to
±0.6V (one VBE). A small capacitor from the
output to this pin will bypass the reference to lower the
output voltage noise. A maximum value of 0.01
µF can be
used for reducing output voltage noise to a typical 20
µVRMS
over a 10Hz to 100kHz bandwidth. If not used, this pin
must be left unconnected.
GND (Pins 3, 6, 7): Ground.
SHDN (Pin 5): Shutdown. The SHDN pin is used to put the
LT1763 regulators into a low power shutdown state. The
output will be off when the SHDN pin is pulled low. The
SHDN pin can be driven either by 5V logic or open-
collector logic with a pull-up resistor. The pull-up resistor
is required to supply the pull-up current of the open-
collector gate, normally several microamperes, and the
SHDN pin current, typically 1
µA. If unused, the SHDN pin
must be connected to VIN. The device will be in the low
power shutdown state if the SHDN pin is not connected.
IN (Pin 8): Input. Power is supplied to the device through
the IN pin. A bypass capacitor is required on this pin if the
device is more than six inches away from the main input
filter capacitor. In general, the output impedance of a
battery rises with frequency, so it is advisable to include a
bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1
µF to 10µF is sufficient. The
LT1763 regulators are designed to withstand reverse
voltages on the IN pin with respect to ground and the OUT
pin. In the case of a reverse input, which can happen if a
battery is plugged in backwards, the device will act as if
there is a diode in series with its input. There will be no
reverse current flow into the regulator and no reverse
voltage will appear at the load. The device will protect both
itself and the load.


Similar Part No. - LT1763CS8-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CS8-1.8 LINER-LT1763CS8-1.8 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8 LINER-LT1763CS8-1.8 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-PBF LINER-LT1763CS8-1.8-PBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-TR LINER-LT1763CS8-1.8-TR Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-TRPBF LINER-LT1763CS8-1.8-TRPBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CS8-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com