Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41607B7278M00 Datasheet(PDF) 6 Page - TDK Electronics

Part # B41607B7278M00
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41607B7278M00 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B41607B7278M00 Datasheet HTML 2Page - TDK Electronics B41607B7278M00 Datasheet HTML 3Page - TDK Electronics B41607B7278M00 Datasheet HTML 4Page - TDK Electronics B41607B7278M00 Datasheet HTML 5Page - TDK Electronics B41607B7278M00 Datasheet HTML 6Page - TDK Electronics B41607B7278M00 Datasheet HTML 7Page - TDK Electronics B41607B7278M00 Datasheet HTML 8Page - TDK Electronics B41607B7278M00 Datasheet HTML 9Page - TDK Electronics B41607B7278M00 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Packing example of large-size capacitors, snap-in version
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in
part) in the correct position for insertion.
Ordering codes for terminal styles and insulation features
Identification in 3rd block of ordering code
Large-size capacitors
Terminal version
Insulation version
PET
3 terminals 4.5 mm
M002
M003
Wired terminals
M008
M009
Ordering examples:
B41607B7228M002
}
large-size capacitor, snap-in version with 3 terminals and PET insulation
B41607B7228M003
}
large-size capacitor, snap-in version with 3 terminals, middle
corrugation (high vibration stability up to 40 g) and PET insulation
B41607B7228M008
}
large-size capacitor, with wired terminals and PET insulation
B41607B7228M009
}
large-size capacitor, with wired terminals, middle corrugation
(high vibration stability up to 40 g) and PET insulation
B41607
Very high ripple current
125
°C
Page 6 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41607B7278M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607 EPCOS-B41607 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
logo
TDK Electronics
B41607 TDK-B41607 Datasheet
714Kb / 17P
   Aluminum electrolytic capacitors Large-size capacitors
logo
EPCOS
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
174Kb / 8P
   Snap-In Capacitors Automotive Up to 150
More results

Similar Description - B41607B7278M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com