Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD65R420CFDA Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPD65R420CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R420CFDA Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPD65R420CFDA Datasheet HTML 6Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 7Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 8Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 9Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 10Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 11Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 12Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 13Page - Infineon Technologies AG IPD65R420CFDA Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
650VCoolMOS™CFDAPowerTransistor
IPD65R420CFDA
Rev.2.1,2015-02-11
Final Data Sheet
Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
0
5
10
15
20
25
30
150 °C
25 °C
ID=f(VGS);|VDS|>2|ID|RDS(on)max;parameter:Tj
Typ.forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
102
125 °C
25 °C
IF=f(VSD);parameter:Tj
Typ.gatecharge
Qgate[nC]
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
120 V
480 V
VGS=f(Qgate);ID=5.1Apulsed;parameter:VDD
Drain-sourcebreakdownvoltage
Tj[°C]
-40
0
40
80
120
540
560
580
600
620
640
660
680
700
720
740
760
VBR(DSS)=f(Tj);ID=0.25mA


Similar Part No. - IPD65R420CFDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R420CFD INFINEON-IPD65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPD65R420CFD INFINEON-IPD65R420CFD Datasheet
4Mb / 21P
   Metal Oxide Semiconductor Field Effect Transistor
2013-07-31 revision:2.5
More results

Similar Description - IPD65R420CFDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com