Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPN50R1K4CE Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPN50R1K4CE
Description  500V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPN50R1K4CE Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPN50R1K4CE Datasheet HTML 2Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 3Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 4Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 5Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 6Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 7Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 8Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 9Page - Infineon Technologies AG IPN50R1K4CE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
500VCoolMOSªCEPowerTransistor
IPN50R1K4CE
Rev.2.1,2016-06-13
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
0
1
2
3
4
5
6
Ptot=f(TC)
Diagram2:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
102
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
101
10-2
10-1
100
101
102
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T


Similar Part No. - IPN50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R3K0CE INFINEON-IPN50R3K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R650CE INFINEON-IPN50R650CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R800CE INFINEON-IPN50R800CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R950CE INFINEON-IPN50R950CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
More results

Similar Description - IPN50R1K4CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
IPA50R380CE INFINEON-IPA50R380CE_16 Datasheet
953Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com