Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G14CMUTCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLX2G14CMUTCG
Description  Dual Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G14CMUTCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLX2G14CMUTCG Datasheet HTML 1Page - ON Semiconductor NLX2G14CMUTCG Datasheet HTML 2Page - ON Semiconductor NLX2G14CMUTCG Datasheet HTML 3Page - ON Semiconductor NLX2G14CMUTCG Datasheet HTML 4Page - ON Semiconductor NLX2G14CMUTCG Datasheet HTML 5Page - ON Semiconductor NLX2G14CMUTCG Datasheet HTML 6Page - ON Semiconductor NLX2G14CMUTCG Datasheet HTML 7Page - ON Semiconductor NLX2G14CMUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLX2G14
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 255C
TA = +855C
TA = −555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
Positive
Threshold
Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.6
1.0
1.2
1.3
1.9
2.2
1.0
1.5
1.7
1.9
2.7
3.3
1.4
1.8
2.0
2.2
3.1
3.6
0.6
1.0
1.2
1.3
1.9
2.2
1.4
1.8
2.0
2.2
3.1
3.6
0.6
1.0
1.2
1.3
1.9
2.2
1.4
1.8
2.0
2.2
3.1
3.6
V
VT−
Negative
Threshold
Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.2
0.4
0.5
0.6
1.0
1.2
0.5
0.75
0.87
1.0
1.5
1.9
0.8
1.15
1.4
1.5
2.0
2.3
0.2
0.4
0.5
0.6
1.0
1.2
0.8
1.15
1.4
1.5
2.0
2.3
0.2
0.4
0.5
0.6
1.0
1.2
0.8
1.15
1.4
1.5
2.0
2.3
V
VH
Hysteresis
Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.1
0.25
0.3
0.4
0.6
0.7
0.48
0.75
0.83
0.93
1.2
1.4
0.9
1.1
1.15
1.2
1.5
1.7
0.1
0.25
0.3
0.4
0.6
0.7
0.9
1.1
1.15
1.2
1.5
1.7
0.1
0.25
0.3
0.4
0.6
0.7
0.9
1.1
1.15
1.2
1.5
1.7
V
VOH
Minimum
High−Level
Output
Voltage
VIN v VT−MIN
IOH = −100 mA
1.65−
5.5
VCC
0.1
VCC
VCC
0.1
VCC
0.1
V
VIN v VT−MIN
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65
2.3
2.7
3.0
3.0
4.5
1.29
1.9
2.2
2.4
2.3
3.8
1.52
2.1
2.4
2.7
2.5
4.0
1.29
1.9
2.2
2.4
2.3
3.8
1.29
1.8
2.1
2.3
2.2
3.7
VOL
Maximum
Low−Level
Output
Voltage
VIN w VT+MAX
IOL = 100 mA
1.65−
5.5
0
0.1
0.1
0.1
V
VIN w VT+MAX
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.2
0.22
0.28
0.38
0.42
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.4
0.5
0.5
0.55
0.65
IIN
Input
Leakage
Current
0
v VIN v 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
IOFF
Power−Off
Output
Leakage
Current
VOUT = 5.5 V
0
1.0
10
10
mA
ICC
Quiescent
Supply
Current
0
v VIN v VCC
5.5
1.0
10
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NLX2G14CMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G14CMX1TCG ONSEMI-NLX2G14CMX1TCG Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
More results

Similar Description - NLX2G14CMUTCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com