Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU3G14 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLU3G14
Description  Triple Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU3G14 Datasheet(HTML) 2 Page - ON Semiconductor

  NLU3G14 Datasheet HTML 1Page - ON Semiconductor NLU3G14 Datasheet HTML 2Page - ON Semiconductor NLU3G14 Datasheet HTML 3Page - ON Semiconductor NLU3G14 Datasheet HTML 4Page - ON Semiconductor NLU3G14 Datasheet HTML 5Page - ON Semiconductor NLU3G14 Datasheet HTML 6Page - ON Semiconductor NLU3G14 Datasheet HTML 7Page - ON Semiconductor NLU3G14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NLU3G14
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to +7.0
V
IIK
DC Input Diode Current
VIN < GND
−20
mA
IOK
DC Output Diode Current
VOUT < GND
±20
mA
IO
DC Output Source/Sink Current
±12.5
mA
ICC
DC Supply Current Per Supply Pin
±25
mA
IGND
DC Ground Current per Ground Pin
±25
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen
Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
N/A
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 5)
±500
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD22−A114−A.
3. Tested to EIA / JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
No Limit
No Limit
ns/V


Similar Part No. - NLU3G14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14 Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
NLU3G14AMX1TCG ONSEMI-NLU3G14AMX1TCG Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
NLU3G14BMX1TCG ONSEMI-NLU3G14BMX1TCG Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
NLU3G14CMX1TCG ONSEMI-NLU3G14CMX1TCG Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
NLU3G14MUTAG ONSEMI-NLU3G14MUTAG Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
More results

Similar Description - NLU3G14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
   Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
   Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
NL37WZ14 ONSEMI-NL37WZ14 Datasheet
65Kb / 6P
   Triple Schmitt-Trigger Inverter
March, 2004 ??Rev. 3
logo
Texas Instruments
SN74LVC3G14 TI1-SN74LVC3G14_16 Datasheet
863Kb / 17P
[Old version datasheet]   Triple Schmitt-Trigger Inverter
logo
ON Semiconductor
NLX3G14 ONSEMI-NLX3G14_16 Datasheet
76Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 3
NL37WZ14 ONSEMI-NL37WZ14_19 Datasheet
184Kb / 11P
   Triple Schmitt-Trigger Inverter
January, 2019 ??Rev. 9
NLU3G14 ONSEMI-NLU3G14 Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com