Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ125DTT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NL17SZ125DTT1G
Description  Non-Inverting 3-State Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ125DTT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NL17SZ125DTT1G Datasheet HTML 2Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 3Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 4Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 5Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 6Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 7Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 8Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 9Page - ON Semiconductor NL17SZ125DTT1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NL17SZ125
www.onsemi.com
6
CL*
Figure 4. Switching Waveform
INPUT
RL
*Includes all probe and jig capacitance.
A 1 MHz square input wave is recommended for
propagation delay tests.
Figure 5. tPLH or tPHL
OUTPUT
OE = GND
Figure 6. tPZL or tPLZ
A 1 MHz square input wave is recommended for
propagation delay tests.
Figure 7. tPZH or tPHZ
A 1 MHz square input wave is recommended for
propagation delay tests.
CL = 50 pF
RL = 500 W
OUTPUT
INPUT
R1 = 500 W
2
VCC
CL = 50 pF
RL = 250 W
OUTPUT
VCC
INPUT
2.7 V
0 V
≈ 0 V
OE
On
tPZH
≈ 3.0 V
tPHZ
tPZL
tPLZ
On
Vmo
Vmo
Vmi
VCC
VOH − 0.3 V
VOL + 0.3 V
GND
Vmi
Figure 8. AC Output Enable and Disable Waveform
Y
50%
50% VCC
VCC
GND
tPLH
tPHL
A
Table 1. OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Symbol
VCC
3.3 V
+ 0.3 V
2.7 V
2.5 V
+ 0.2 V
Vmi
1.5 V
1.5 V
VCC/2
Vmo
1.5 V
1.5 V
VCC/2


Similar Part No. - NL17SZ125DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ125DTT1G ONSEMI-NL17SZ125DTT1G Datasheet
132Kb / 10P
   Non-Inverting 3-State Buffer
May, 2012 ??Rev. 13
NL17SZ125DTT1G ONSEMI-NL17SZ125DTT1G Datasheet
200Kb / 14P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SZ125DTT1G ONSEMI-NL17SZ125DTT1G Datasheet
171Kb / 14P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 23
More results

Similar Description - NL17SZ125DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ126 ONSEMI-NL17SZ126_16 Datasheet
89Kb / 9P
   Non-Inverting 3-State Buffer
September, 2016 ??Rev. 14
NL17SZ126 ONSEMI-NL17SZ126 Datasheet
84Kb / 8P
   Non-inverting 3-State Buffer
April, 2002 ??Rev. 1
NL17SZ125 ONSEMI-NL17SZ125_05 Datasheet
141Kb / 8P
   Non-Inverting 3-State Buffer
September, 2005 ??Rev. 5
NL17SV125 ONSEMI-NL17SV125 Datasheet
336Kb / 14P
   Non-Inverting 3-State Buffer
February, 2021 ??Rev. 1
NL17SZ126 ONSEMI-NL17SZ126_12 Datasheet
114Kb / 7P
   Non-Inverting 3-State Buffer
May, 2012 ??Rev. 10
NL17SZ125 ONSEMI-NL17SZ125_V01 Datasheet
171Kb / 14P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 23
NL17SZ125 ONSEMI-NL17SZ125 Datasheet
113Kb / 8P
   Non-Inverting 3-State Buffer
January, 2005 ??Rev. 4
NL17SH125 ONSEMI-NL17SH125 Datasheet
102Kb / 5P
   Non-Inverting 3-State Buffer
September, 2012 ??Rev. 0
NLX1G125 ONSEMI-NLX1G125 Datasheet
138Kb / 7P
   Non-Inverting 3-State Buffer
December, 2009 ??Rev. P0
NL17SZ126 ONSEMI-NL17SZ126_V01 Datasheet
160Kb / 13P
   Non-Inverting 3-State Buffer
June, 2022 - Rev. 18
NL17SZ126 ONSEMI-NL17SZ126_18 Datasheet
191Kb / 13P
   Non-Inverting 3-State Buffer
November, 2018 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com