Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ16DFT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SZ16DFT2G
Description  Single Input Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ16DFT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SZ16DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SZ16DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SZ16DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SZ16DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SZ16DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SZ16DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NL17SZ16
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
Output in High or Low State (Note 2)
−0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
VI < GND
−0.5
≤ VO ≤ +7.0
V
IIK
DC Input Diode Current
VO < GND
−50
mA
IOK
DC Output Diode Current
−50
mA
IOUT
DC Output Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground per Supply Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
+150
°C
qJA
Thermal Resistance
SOT−353
SOT−553
350
360
°C/W
PD
Power Dissipation in Still Air at 85
°C
SOT−353
SOT−553
150
180
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ESD
ESD Classification
Human Body Model (Note 3)
Machine Model (Note 4)
Charged Device Model (Note 5)
2000
200
N/A
V
ILatchup
Latchup Performance
Above VCC and Below GND at 85°C (Note 6)
$100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. IO Absolute Maximum Rating Must be Obtained.
3. Tested to EIA/JESD22−A114−A, rated to EIA/JESD22−A114−B.
4. Tested to EIA/JESD22−A115−A, rated to EIA/JESD22−A115−A.
5. Tested to JESD22−C101−A.
6. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VCC
DC Supply Voltage
Operations Only
Data Retention
1.65
1.5
5.5
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
0
5.5
V
TA
Operating Temperature Range
−55
+125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.5 V ±0.2 V
VCC = 3.0 V ±0.3 V
VCC = 5.0 V ±0.5 V
0
0
0
20
10
5
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NL17SZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ16DFT2G ONSEMI-NL17SZ16DFT2G Datasheet
57Kb / 6P
   Single Input Buffer
January, 2005 ??Rev. 5
NL17SZ16DFT2G ONSEMI-NL17SZ16DFT2G Datasheet
105Kb / 6P
   Single Input Buffer
April, 2012 ??Rev. 10
NL17SZ16DFT2G ONSEMI-NL17SZ16DFT2G Datasheet
188Kb / 13P
   Single Input Buffer
November, 2018 ??Rev. 12
NL17SZ16DFT2G ONSEMI-NL17SZ16DFT2G Datasheet
158Kb / 13P
   Single Input Buffer
April, 2022 - Rev. 14
NL17SZ16DFT2G-L22038 ONSEMI-NL17SZ16DFT2G-L22038 Datasheet
158Kb / 13P
   Single Input Buffer
April, 2022 - Rev. 14
More results

Similar Description - NL17SZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV17SZ16 ONSEMI-NLV17SZ16 Datasheet
70Kb / 5P
   Single Input Buffer
November, 2015 ??Rev. 0
NL17SZ16 ONSEMI-NL17SZ16_V01 Datasheet
158Kb / 13P
   Single Input Buffer
April, 2022 - Rev. 14
NL17SZ16 ONSEMI-NL17SZ16_18 Datasheet
188Kb / 13P
   Single Input Buffer
November, 2018 ??Rev. 12
NL17SZ16 ONSEMI-NL17SZ16_12 Datasheet
105Kb / 6P
   Single Input Buffer
April, 2012 ??Rev. 10
NL17SZ16 ONSEMI-NL17SZ16 Datasheet
57Kb / 6P
   Single Input Buffer
January, 2005 ??Rev. 5
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX Datasheet
696Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17_05 Datasheet
303Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17_11 Datasheet
696Kb / 9P
   TinyLogic짰 ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17 Datasheet
306Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP17 ONSEMI-NC7SP17 Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com