Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14060BDTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14060BDTR2G
Description  14-Bit Binary Counter and Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14060BDTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC14060BDTR2G Datasheet HTML 1Page - ON Semiconductor MC14060BDTR2G Datasheet HTML 2Page - ON Semiconductor MC14060BDTR2G Datasheet HTML 3Page - ON Semiconductor MC14060BDTR2G Datasheet HTML 4Page - ON Semiconductor MC14060BDTR2G Datasheet HTML 5Page - ON Semiconductor MC14060BDTR2G Datasheet HTML 6Page - ON Semiconductor MC14060BDTR2G Datasheet HTML 7Page - ON Semiconductor MC14060BDTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14060B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Symbol
Characteristic
VDD
Vdc
−55
°C
25
°C
125
°C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
VOL
Output Voltage
“0” Level
Vin = VDD or 0
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH
Vin = 0 or VDD
“1” Level
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
V
VIL
Input Voltage
“0” Level
(VO = 4.5 or 0.5 V)
(VO = 9.0 or 1.0 V)
(VO = 13.5 or 1.5 V)
(VO = 0.5 or 4.5 V)
“1” Level
(VO = 1.0 or 9.0 V)
(VO = 1.5 or 13.5 V)
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
VIH
5.0
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.50
8.25
3.5
7.0
11.0
V
VIL
Input Voltage
“0” Level
(VO = 4.5 Vdc)
(For Input 11
(VO = 9.0 Vdc)
and Output 10)
(VO = 13.5 Vdc)
(VO = 0.5 Vdc)
“1” Level
(VO = 1.0 Vdc)
(VO = 1.5 Vdc)
5.0
10
15
1.0
2.0
2.5
2.25
4.50
6.75
1.0
2.0
2.5
1.0
2.0
2.5
Vdc
VIH
5.0
10
15
4.0
8.0
12.5
4.0
8.0
12.5
2.75
5.50
8.25
4.0
8.0
12.5
Vdc
IOH
Output Drive Current
(VOH = 2.5 V)
(Except Source
(VOH = 4.6 V)
Pins 9 and 10)
(VOH = 9.5 V)
(VOH = 13.5 V)
(VOL = 0.4 V)
Sink
(VOL = 0.5 V)
(VOL = 1.5 V)
5.0
5.0
10
15
–3.0
–0.64
–1.6
– 4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–2.25
–8.8
– 1.7
– 0.36
– 0.9
– 2.4
mA
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mA
Iin
Input Current
15
±0.1
±0.00001
±0.1
±1.0
mA
Cin
Input Capacitance (Vin = 0)
5.0
7.5
pF
IDD
Quiescent Current
(Per Package)
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mA
IT
Total Supply Current (Notes 3, 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs,
all buffers switching)
5.0
10
15
IT = (0.25 mA/kHz) f + IDD
IT = (0.54 mA/kHz) f + IDD
IT = (0.85 mA/kHz) f + IDD
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
°C.
4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL − 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD − VSS) in volts, f in kHz is input frequency, and k = 0.002.


Similar Part No. - MC14060BDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060BDTR2G ONSEMI-MC14060BDTR2G Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
More results

Similar Description - MC14060BDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com