Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG04DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL17SG04DFT2G
Description  Single Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG04DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NL17SG04DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 6Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 7Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 8Page - ON Semiconductor NL17SG04DFT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NL17SG04
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Condition
VCC (V)
TA = 255 C
TA =
-55
5C to +1255C
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay,
A to Y
CL = 10 pF,
RL = 1 MW
0.9
-
10.0
13.3
-
17.0
ns
1.1 to 1.3
-
8.7
11.2
-
14.0
1.4 to 1.6
-
4.9
8.5
-
10.0
1.65 to 1.95
-
3.8
6.2
-
6.7
2.3 to 2.7
-
2.6
3.9
-
4.4
3.0 to 3.6
-
2.1
3.1
-
3.7
CL = 15 pF,
RL = 1 MW
0.9
-
11.55
13.7
-
19.7
ns
1.1 to 1.3
-
7.2
10.8
-
15.6
1.4 to 1.6
-
5.4
9.3
-
11.2
1.65 to 1.95
-
4.2
6.9
-
7.1
2.3 to 2.7
-
2.8
4.4
-
5.0
3.0 to 3.6
-
2.3
3.4
-
3.9
CL = 30 pF,
RL = 1 MW
0.9
-
16.85
18.9
-
22.3
ns
1.1 to 1.3
-
10.2
13.4
-
17.5
1.4 to 1.6
-
7.4
13.1
-
15.9
1.65 to 1.95
-
5.6
9.2
-
9.6
2.3 to 2.7
-
3.7
5.7
-
6.1
3.0 to 3.6
-
2.9
4.4
-
4.8
CIN
Input Capacitance
0 to 3.6
3
-
-
-
pF
CPD
Power Dissipation
Capacitance (Note 5)
f = 10 MHz
0.9 to 3.6
-
4
-
-
-
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SG04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
NL17SG04P5T5G ONSEMI-NL17SG04P5T5G Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
More results

Similar Description - NL17SG04DFT2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
   Single Inverter
July, 2016 ??Rev. 4
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
   Single Inverter
March, 2008 - Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
   Single Inverter
August, 2011 ??Rev. 1
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
   Single Inverter
January, 2005 ??Rev. 2
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER
logo
ON Semiconductor
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
   Single Inverter
August, 2012 ??Rev. 1
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
   Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
NL17SZ04XV5T2 ONSEMI-NL17SZ04XV5T2 Datasheet
59Kb / 6P
   Single Inverter
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com