Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G126 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHC1G126
Description  Noninverting 3-State Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G126 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHC1G126 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G126 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G126 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G126 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G126 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G126 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1G126
www.onsemi.com
4
SWITCHING WAVEFORMS
Figure 4. Switching Waveforms
Figure 5.
Y
50%
50% VCC
50% VCC
VCC
GND
HIGH
IMPEDANCE
VOL + 0.3V
VOH - 0.3V
Y
Y
OE
tPZL
tPLZ
tPZH tPHZ
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 6. Test Circuit
*Includes all probe and jig capacitance
Figure 7. Test Circuit
OUTPUT
TEST POINT
CL *
1 k
W
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
DEVICE
UNDER
TEST
HIGH
IMPEDANCE
50%
50% VCC
VCC
GND
tPLH
tPHL
A
Figure 8. Input Equivalent Circuit
INPUT
ORDERING INFORMATION
Device
Package
Shipping
M74VHC1G126DFT1G
SC−88A/SOT−353/SC−70
(Pb−Free)
3000 Units / Tape & Reel
NLVVHC1G126DFT1G*
SC−88A/SOT−353/SC−70
(Pb−Free)
M74VHC1G126DFT2G
SC−88A/SOT−353/SC−70
(Pb−Free)
M74VHC1G126DTT1G
TSOP−5/SOT−23/SC−59
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable


Similar Part No. - MC74VHC1G126

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G126 ONSEMI-MC74VHC1G126 Datasheet
78Kb / 6P
   Noninverting 3?뭆tate Buffer
August, 2005 ??Rev. 13
MC74VHC1G126 ONSEMI-MC74VHC1G126 Datasheet
79Kb / 6P
   Noninverting 3?뭆tate Buffer
February, 2007 ??Rev. 14
MC74VHC1G126 ONSEMI-MC74VHC1G126 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G126 ONSEMI-MC74VHC1G126 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G126 ONSEMI-MC74VHC1G126 Datasheet
144Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 23
More results

Similar Description - MC74VHC1G126

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
   Noninverting 3-State Buffer
September, 2004 ??Rev. 12
MC74VHC1G126 ONSEMI-MC74VHC1G126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
NL17SH126 ONSEMI-NL17SH126 Datasheet
110Kb / 5P
   Noninverting 3-State Buffer
August, 2011 ??Rev. 1
MC74VHC1G125 ONSEMI-MC74VHC1G125_18 Datasheet
194Kb / 16P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 18
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_18 Datasheet
209Kb / 15P
   Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G126 ONSEMI-MC74VHC1G126_V01 Datasheet
144Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 23
MC74VHC1G126 ONSEMI-MC74VHC1G126_11 Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 15
MC74VHC1G125 ONSEMI-MC74VHC1G125_12 Datasheet
126Kb / 6P
   Noninverting 3-State Buffer
December, 2012 ??Rev. 17
MC74VHC1G125 ONSEMI-MC74VHC1G125_V01 Datasheet
455Kb / 16P
   Noninverting 3-State Buffer
April, 2022 ??Rev. 21
MC74VHC1G125 ONSEMI-MC74VHC1G125_11 Datasheet
123Kb / 6P
   Noninverting 3-State Buffer
May, 2011 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com