Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4538A Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74HC4538A
Description  Dual Precision Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4538A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74HC4538A_16 Datasheet HTML 6Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 7Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 8Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 9Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 10Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 11Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 12Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 13Page - ON Semiconductor MC74HC4538A_16 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC74HC4538A
http://onsemi.com
10
CIRCUIT OPERATION
Figure 11 shows the HC4538A configured in the
retriggerable mode. Briefly, the device operates as follows
(refer to Figure 10): In the quiescent state, the external
timing capacitor, Cx, is charged to VCC. When a trigger
occurs, the Q output goes high and Cx discharges quickly to
the lower reference voltage (Vref Lower
[ 1/3 VCC). Cx
then charges, through Rx, back up to the upper reference
voltage (Vref Upper
[ 2/3 VCC), at which point the
one−shot has timed out and the Q output goes low.
The following, more detailed description of the circuit
operation refers to both the logic detail (Figure 10) and the
timing diagram (Figure 11).
QUIESCENT STATE
In the quiescent state, before an input trigger appears, the
output latch is high and the reset latch is high (#1 in Figure
11). Thus the Q output (pin 6 or 10) of the monostable
multivibrator is low (#2, Figure 11).
The output of the trigger−control circuit is low (#3), and
transistors M1, M2, and M3 are turned off. The external
timing capacitor, Cx, is charged to VCC (#4), and both the
upper and lower reference circuit has a low output (#5).
In addition, the output of the trigger−control reset circuit
is low.
TRIGGER OPERATION
The HC4538A is triggered by either a rising−edge signal
at input A (#7) or a falling−edge signal at input B (#8), with
the unused trigger input and the Reset input held at the
voltage levels shown in the Function Table. Either trigger
signal will cause the output of the trigger−control circuit to
go high (#9).
The trigger−control circuit going high simultaneously
initiates two events. First, the output latch goes low, thus
taking the Q output of the HC4538A to a high state (#10).
Second, transistor M3 is turned on, which allows the
external timing capacitor, Cx, to rapidly discharge toward
ground (#11). (Note that the voltage across Cx appears at the
input of both the upper and lower reference circuit
comparator).
When Cx discharges to the reference voltage of the lower
reference circuit (#12), the outputs of both reference circuits
will be high (#13). The trigger−control reset circuit goes high,
resetting the trigger−control circuit flip−flop to a low state
(#14). This turns transistor M3 off again, allowing Cx to begin
to charge back up toward VCC, with a time constant t = RxCx
(#15). Once the voltage across Cx charges to above the lower
reference voltage, the lower reference circuit will go low
allowing the monostable multivibrator to be retriggered.
2
18
1
6
5
4
17
14
3
9
8
QUIESCENT
STATE
TRIGGER CYCLE
(A INPUT)
TRIGGER CYCLE
(B INPUT)
RESET
RETRIGGER
trr
Vref UPPER
Vref LOWER
TRIGGER INPUT A
(PIN 4 OR 12)
TRIGGER INPUT B
(PIN 5 OR 11)
TRIGGER-CONTROL
CIRCUIT OUTPUT
RX/CX INPUT
(PIN 2 OR 14)
UPPER REFERENCE
CIRCUIT
RESET INPUT
(PIN 3 OR 13)
RESET LATCH
Q OUTPUT
(PIN 6 OR 10)
Figure 11. Timing Diagram
10
11
12
13
15
16
19
20
21
22
23
24
25
τ
τ + trr
13
τ
7
LOWER REFERENCE
CIRCUIT


Similar Part No. - MC74HC4538A_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4538AD ONSEMI-MC74HC4538AD Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Motorola, Inc
MC74HC4538AD MOTOROLA-MC74HC4538AD Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538AD ONSEMI-MC74HC4538AD Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
MC74HC4538ADG ONSEMI-MC74HC4538ADG Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
MC74HC4538ADR2 ONSEMI-MC74HC4538ADR2 Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
More results

Similar Description - MC74HC4538A_16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEC4538BT-T NXP-HEC4538BT-T Datasheet
130Kb / 18P
   Dual precision monostable multivibrator
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
   Dual precision monostable multivibrator
HEF4538B NEXPERIA-HEF4538B Datasheet
246Kb / 14P
   Dual precision monostable multivibrator
Rev. 12 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com