Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4060ADG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HC4060ADG
Description  14-Stage Binary Ripple Counter With Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4060ADG Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HC4060ADG Datasheet HTML 1Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 2Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 3Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 4Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 5Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 6Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 7Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 8Page - ON Semiconductor MC74HC4060ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC74HC4060A
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature Range
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
SOIC or TSSOP Package
260
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of
these limits are exceeded, device functionality should not be assumed, damage may occur and
reliability may be affected.
†Derating: SOIC Package: –7 mW/
_C from 65_ to 125_C
TSSOP Package: −6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.5*
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature Range, All Package Types
–55
+125
_C
tr, tf
Input Rise/Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
*The oscillator is guaranteed to function at 2.5 V minimum. However, parametrics are tested at
2.0 V by driving Pin 11 with an external clock source.
DC CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
V
Guaranteed Limit
Unit
−55 to 25
°C
≤85°C
≤125°C
VIH
Minimum High−Level Input Voltage
Vout = 0.1V or VCC −0.1V
|Iout| ≤ 20mA
2.0
3.0
4.5
6.0
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
V
VIL
Maximum Low−Level Input Voltage
Vout = 0.1V or VCC − 0.1V
|Iout| ≤ 20mA
2.0
3.0
4.5
6.0
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
0.50
0.90
1.35
1.80
V
VOH
Minimum High−Level Output Voltage
(Q4−Q10, Q12−Q14)
Vin = VIH or VIL
|Iout| ≤ 20mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin =VIH or VIL
|Iout| ≤ 2.4mA
|Iout| ≤ 4.0mA
|Iout| ≤ 5.2mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output Voltage
(Q4−Q10, Q12−Q14)
Vin = VIH or VIL
|Iout| ≤ 20mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| ≤ 2.4mA
|Iout| ≤ 4.0mA
|Iout| ≤ 5.2mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74HC4060ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060ADG ONSEMI-MC74HC4060ADG Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
More results

Similar Description - MC74HC4060ADG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com