Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4060A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC4060A
Description  14-Stage Binary Ripple Counter With Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4060A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC4060A Datasheet HTML 1Page - ON Semiconductor MC74HC4060A Datasheet HTML 2Page - ON Semiconductor MC74HC4060A Datasheet HTML 3Page - ON Semiconductor MC74HC4060A Datasheet HTML 4Page - ON Semiconductor MC74HC4060A Datasheet HTML 5Page - ON Semiconductor MC74HC4060A Datasheet HTML 6Page - ON Semiconductor MC74HC4060A Datasheet HTML 7Page - ON Semiconductor MC74HC4060A Datasheet HTML 8Page - ON Semiconductor MC74HC4060A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC74HC4060A
www.onsemi.com
4
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
−55 to 25
°C
≤85°C
≤125°C
trec
Minimum Recovery Time, Reset Inactive to Clock
(Figure 2)
2.0
3.0
4.5
6.0
100
75
20
17
125
100
25
21
150
120
30
25
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
23
19
ns
tw
Minimum Pulse Width, Reset
(Figure 2)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
23
19
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
ORDERING INFORMATION
Device
Package
Shipping
MC74HC4060ADG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74HC4060ADR2G
SOIC−16
(Pb−Free)
2500 Units / Reel
NLV74HC4060ADR2G*
SOIC−16
(Pb−Free)
2500 Units / Reel
MC74HC4060ADTG
TSSOP−16
(Pb−Free)
96 Units / Rail
MC74HC4060ADTR2G
TSSOP−16
(Pb−Free)
2500 Units / Reel
NLVHC4060ADTR2G*
TSSOP−16
(Pb−Free)
2500 Units / Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - MC74HC4060A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060AD ONSEMI-MC74HC4060AD Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060AD ONSEMI-MC74HC4060AD Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060ADG ONSEMI-MC74HC4060ADG Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
More results

Similar Description - MC74HC4060A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com