Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4060A Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC4060A
Description  14-Stage Binary Ripple Counter With Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4060A Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC4060A Datasheet HTML 1Page - ON Semiconductor MC74HC4060A Datasheet HTML 2Page - ON Semiconductor MC74HC4060A Datasheet HTML 3Page - ON Semiconductor MC74HC4060A Datasheet HTML 4Page - ON Semiconductor MC74HC4060A Datasheet HTML 5Page - ON Semiconductor MC74HC4060A Datasheet HTML 6Page - ON Semiconductor MC74HC4060A Datasheet HTML 7Page - ON Semiconductor MC74HC4060A Datasheet HTML 8Page - ON Semiconductor MC74HC4060A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC74HC4060A
www.onsemi.com
3
DC CHARACTERISTICS (Voltages Referenced to GND) (continued)
Symbol
Unit
Guaranteed Limit
VCC
V
Condition
Parameter
Symbol
Unit
≤125°C
≤85°C
−55 to 25
°C
VCC
V
Condition
Parameter
VOH
Minimum High−Level Output Voltage
(Osc Out 1, Osc Out 2)
Vin = VCC or GND
|Iout| ≤ 20mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin =VCC or GND
|Iout| ≤ 0.7mA
|Iout| ≤ 1.0mA
|Iout| ≤ 1.3mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output Voltage
(Osc Out 1, Osc Out 2)
Vin = VCC or GND
|Iout| ≤ 20mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin =VCC or GND
|Iout| ≤ 0.7mA
|Iout| ≤ 1.0mA
|Iout| ≤ 1.3mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0mA
6.0
4
40
160
mA
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
−55 to 25
°C
≤85°C
≤125°C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
3.0
4.5
6.0
6.0
10
30
50
9.0
14
28
45
8.0
12
25
40
MHz
tPLH,
tPHL
Maximum Propagation Delay, Osc In to Q4*
(Figures 1 and 4)
2.0
3.0
4.5
6.0
300
180
60
51
375
200
75
64
450
250
90
75
ns
tPLH,
tPHL
Maximum Propagation Delay, Osc In to Q14*
(Figures 1 and 4)
2.0
3.0
4.5
6.0
500
350
250
200
750
450
275
220
1000
600
300
250
ns
tPHL
Maximum Propagation Delay, Reset to Any Q
(Figures 2 and 4)
2.0
3.0
4.5
6.0
195
75
39
33
245
100
49
42
300
125
61
53
ns
tPLH,
tPHL
Maximum Propagation Delay, Qn to Qn+1
(Figures 3 and 4)
2.0
3.0
4.5
6.0
75
60
15
13
95
75
19
16
125
95
24
20
ns
AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns) − continued
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
−55 to 25
°C
≤85°C
≤125°C
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
* For TA = 25°C and CL = 50 pF, typical propagation delay from Clock to other Q outputs may be calculated with the following equations:
VCC = 2.0 V: tP = [93.7 + 59.3 (n−1)] ns
VCC = 4.5 V: tP = [30.25 + 14.6 (n−1)] ns
VCC = 3.0 V: tP = [61.5+ 34.4 (n−1)] ns
VCC = 6.0 V: tP = [24.4 + 12 (n−1)] ns
CPD
Power Dissipation Capacitance (Per Package)*
Typical @ 25
°C, VCC = 5.0 V
pF
35
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Similar Part No. - MC74HC4060A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060AD ONSEMI-MC74HC4060AD Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060AD ONSEMI-MC74HC4060AD Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060ADG ONSEMI-MC74HC4060ADG Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
More results

Similar Description - MC74HC4060A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com