Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT161DG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT161DG
Description  Synchronous Presettable Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT161DG Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT161DG Datasheet HTML 1Page - ON Semiconductor MC74ACT161DG Datasheet HTML 2Page - ON Semiconductor MC74ACT161DG Datasheet HTML 3Page - ON Semiconductor MC74ACT161DG Datasheet HTML 4Page - ON Semiconductor MC74ACT161DG Datasheet HTML 5Page - ON Semiconductor MC74ACT161DG Datasheet HTML 6Page - ON Semiconductor MC74ACT161DG Datasheet HTML 7Page - ON Semiconductor MC74ACT161DG Datasheet HTML 8Page - ON Semiconductor MC74ACT161DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 8
1
Publication Order Number:
MC74AC161/D
MC74AC161, MC74ACT161,
MC74AC163, MC74ACT163
Synchronous Presettable
Binary Counter
The MC74AC161/74ACT161 and MC74AC163/74ACT163 are
high−speed synchronous modulo−16 binary counters. They are
synchronously presettable for application in programmable dividers
and have two types of Count Enable inputs plus a Terminal Count
output for versatility in forming synchronous multistage counters.
The MC74AC161/74ACT161 has an asynchronous Master Reset
input that overrides all other inputs and forces the outputs LOW. The
MC74AC163/74ACT163 has a Synchronous Reset input that
overrides counting and parallel loading and allows the outputs to be
simultaneously reset on the rising edge of the clock.
Features
Synchronous Counting and Loading
High−Speed Synchronous Expansion
Typical Count Rate of 125 MHz
Outputs Source/Sink 24 mA
′ACT161 and ′ACT163 Have TTL Compatible Inputs
These are Pb−Free Devices
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
TC
Q0
Q1
Q2
Q3
CET
PE
*R
CP
P0
P1
P2
P3
CEP
GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
MR
(
′161) Asynchronous Master Reset Input
SR
(
′163) Synchronous Reset Input
P0−P3
Parallel Data Inputs
PE
Parallel Enable Input
Q0−Q3
Flip−Flop Outputs
TC
Terminal Count Output
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
SOIC−16
D SUFFIX
CASE 751B
1
16
MARKING
DIAGRAM
xxx
= AC or ACT
y
= 1 or 3
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1
16
xxx16yG
AWLYWW


Similar Part No. - MC74ACT161DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT161D ONSEMI-MC74ACT161D Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
MC74ACT161DR2 ONSEMI-MC74ACT161DR2 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
More results

Similar Description - MC74ACT161DG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com