Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC540ADTR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74LVC540ADTR2G
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC540ADTR2G Datasheet(HTML) 7 Page - ON Semiconductor

  74LVC540ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 8Page - ON Semiconductor 74LVC540ADTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74LVC540A
www.onsemi.com
7
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
VEXT
GND
CL includes jig and probe capacitance
RT = ZOUT of pulse generator (typically 50 W)
R1 = RL
VI
VO
Supply Voltage
Input
Load
VEXT
VCC (V)
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2
VCC
≤ 2 ns
30 pF
1 k
W
Open
2 x VCC
GND
1.65 − 1.95
VCC
≤ 2 ns
30 pF
1 k
W
Open
2 x VCC
GND
2.3 − 2.7
VCC
≤ 2 ns
30 pF
500
W
Open
2 x VCC
GND
2.7
2.7 V
≤ 2.5 ns
50 pF
500
W
Open
2 x VCC
GND
3 − 3.6
2.7 V
≤ 2.5 ns
50 pF
500
W
Open
2 x VCC
GND
Figure 4. Test Circuit
ORDERING INFORMATION
Device
Package
Shipping
74LVC540ADWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
74LVC540ADTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 74LVC540ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540ADTR2G ONSEMI-74LVC540ADTR2G Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
More results

Similar Description - 74LVC540ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com