Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5718AABCX Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AM5718AABCX
Description  Sitara Processors Silicon Revision 2.0
Download  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5718AABCX Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM5718AABCX Datasheet HTML 6Page - Texas Instruments AM5718AABCX Datasheet HTML 7Page - Texas Instruments AM5718AABCX Datasheet HTML 8Page - Texas Instruments AM5718AABCX Datasheet HTML 9Page - Texas Instruments AM5718AABCX Datasheet HTML 10Page - Texas Instruments AM5718AABCX Datasheet HTML 11Page - Texas Instruments AM5718AABCX Datasheet HTML 12Page - Texas Instruments AM5718AABCX Datasheet HTML 13Page - Texas Instruments AM5718AABCX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 394 page
background image
10
AM5718, AM5716
SPRS957C – MARCH 2016 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
NOTE
All unused power supply balls must be supplied with the voltages specified in the
Section 5.4, Recommended Operating Conditions, unless alternative tie-off options are
included in Section 4.4, Signal Descriptions.
Table 4-1. Unused Balls Specific Connection Requirements
BALLS
CONNECTION REQUIREMENTS
AE15 / AC15 / AE14 / D20 / AD17 / AC16 / V27
These balls must be connected to GND through an external pull
resistor if unused
E20 / D21 / E23 / C20 / C21 / V28 / F18
These balls must be connect to the corresponding power supply
through an external pull resistor if unused
AF14 (rtc_iso)
This ball should be connected to the corresponding power supply
through an external pull resistor if unused; or can be connected to
F22 (porz) when RTC unused (level translation may be needed)
AB17 (rtc_porz)
This ball should be connected to VSS when RTC is unused; or can
be connected to F22 (porz) when RTC unused (level translation may
be needed)
NOTE
All other unused signal balls with a Pad Configuration Register can be left unconnected with
their internal pullup or pulldown resistor enabled.
NOTE
All other unused signal balls without Pad Configuration Register can be left unconnected.
4.2
Ball Characteristics
Table 4-2 describes the terminal characteristics and the signals multiplexed on each ball. The following list
describes the table column headers:
1. BALL NUMBER: Ball number(s) on the bottom side associated with each signal on the bottom.
2. BALL NAME: Mechanical name from package device (name is taken from muxmode 0).
3. SIGNAL NAME: Names of signals multiplexed on each ball (also notice that the name of the ball is the
signal name in muxmode 0).
NOTE
Table 4-2 does not take into account the subsystem multiplexing signals. Subsystem
multiplexing signals are described in Section 4.4, Signal Descriptions.
NOTE
In the Driver off mode, the buffer is configured in high-impedance.


Similar Part No. - AM5718AABCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5718AABCX TI1-AM5718AABCX Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718AABCXA TI1-AM5718AABCXA Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718AABCXEA TI1-AM5718AABCXEA Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718AABCXEQ1 TI1-AM5718AABCXEQ1 Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718AABCXQ1 TI1-AM5718AABCXQ1 Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
More results

Similar Description - AM5718AABCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5718 TI1-AM5718_17 Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5729 TI1-AM5729 Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718-HIREL TI1-AM5718-HIREL Datasheet
4Mb / 396P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5718 TI1-AM5718 Datasheet
3Mb / 388P
[Old version datasheet]   AM571x Sitara??Processors Silicon Revision 2.0
AM5748 TI1-AM5748 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749 Datasheet
4Mb / 448P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM5749 TI1-AM5749_19 Datasheet
5Mb / 452P
[Old version datasheet]   Sitara Processors Silicon Revision 1.0
AM6548 TI-AM6548_V02 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI1-AM6548_V03 Datasheet
6Mb / 282P
[Old version datasheet]   AM654x, AM652x Sitara??Processors Silicon Revision 2.1
AM6548 TI-AM6548_V04 Datasheet
6Mb / 284P
[Old version datasheet]   AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com