Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8902BRGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8902BRGER
Description  20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8902BRGER Datasheet(HTML) 1 Page - Texas Instruments

  ADS8902BRGER Datasheet HTML 1Page - Texas Instruments ADS8902BRGER Datasheet HTML 2Page - Texas Instruments ADS8902BRGER Datasheet HTML 3Page - Texas Instruments ADS8902BRGER Datasheet HTML 4Page - Texas Instruments ADS8902BRGER Datasheet HTML 5Page - Texas Instruments ADS8902BRGER Datasheet HTML 6Page - Texas Instruments ADS8902BRGER Datasheet HTML 7Page - Texas Instruments ADS8902BRGER Datasheet HTML 8Page - Texas Instruments ADS8902BRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
ADC
LDO
BUF
AVDD
ADS89xxB
OPA2625
ADC
LDO
BUF
AVDD
ADS89xxB
OPA2625
REF5050
VIN
VOUT
GND
AVDD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS8900B, ADS8902B, ADS8904B
SBAS728 – NOVEMBER 2016
ADS890xB 20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer,
Integrated LDO, and multiSPI™ Digital Interface
1
1 Features
1
Resolution: 20 Bits
High Sample Rate With No Latency Output:
ADS8900B: 1 MSPS
ADS8902B: 500 kSPS
ADS8904B: 250 kSPS
Integrated LDO Enables Low-Power, Single-
Supply Operation
Burst-Mode Operation With Precise First Sample
Excellent AC and DC Performance:
SNR: 104.5 dB, THD: –125 dB
DNL: ±0.5 ppm (Max), 20-Bit NMC
INL: ±1 ppm (Typ)
±2 ppm (Max), 0°C to 60°C
±2.75 ppm (Max), –40°C to +85°C
±3.75 ppm (Max), –40°C to +125°C
Wide Input Range:
Unipolar Differential Input Range: ±VREF
VREF Input Range: 2.5 V to 5 V
multiSPI™ Digital Interface
Extended Temperature Range: –40°C to +125°C
Small Footprint: 4-mm × 4-mm VQFN
2 Applications
Test and Measurement
Medical Imaging
High-Precision, High-Speed Data Acquisition
3 Description
The
ADS8900B,
ADS8902B,
and
ADS8904B
(ADS890xB)
belong
to
a
family
of
pin-to-pin
compatible, high-speed, high-precision successive-
approximation-register
(SAR)
analog-to-digital
convertors (ADCs) with an integrated reference buffer
and integrated low-dropout regulator (LDO). These
devices support unipolar, fully differential, analog
input signals with ±1-ppm INL and 104.5-dB SNR
specifications under typical operating conditions.
The integrated LDO enables single-supply operation
with
low
power
consumption.
The
integrated
reference buffer supports burst-mode data acquisition
with 20-bit precision for the first sample. External
reference voltages in the range 2.5 V to 5 V are
supported, offering a wide selection of input ranges
without additional input scaling.
The integrated multiSPI digital interface is backward-
compatible
to
the
traditional
SPI
protocol.
Additionally, configurable features simplify board
layout, timing, and firmware, and support high
throughput at lower clock speeds. The multiSPI digital
interface allows for easy interface with a variety of
microcontrollers, digital signal processors (DSPs),
and field-programmable gate arrays (FPGAs).
The ADS890xB family is offered in a space-saving,
4-mm × 4-mm, VQFN package, and is specified over
the extended temperature range of –40°C to +125°C.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS890xB
VQFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Multiple-ADC Design


Similar Part No. - ADS8902BRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGER TI1-ADS8910BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGET TI1-ADS8910BRGET Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912B TI1-ADS8912B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912BRGER TI1-ADS8912BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
More results

Similar Description - ADS8902BRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com