Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS890xB Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS890xB
Description  20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS890xB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS890xB Datasheet HTML 2Page - Texas Instruments ADS890xB Datasheet HTML 3Page - Texas Instruments ADS890xB Datasheet HTML 4Page - Texas Instruments ADS890xB Datasheet HTML 5Page - Texas Instruments ADS890xB Datasheet HTML 6Page - Texas Instruments ADS890xB Datasheet HTML 7Page - Texas Instruments ADS890xB Datasheet HTML 8Page - Texas Instruments ADS890xB Datasheet HTML 9Page - Texas Instruments ADS890xB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
6
ADS8900B, ADS8902B, ADS8904B
SBAS728 – NOVEMBER 2016
www.ti.com
Product Folder Links: ADS8900B ADS8902B ADS8904B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
See the REF_MRG Register.
(2)
While operating with internal reference buffer and LDO.
(3)
See for statistical distribution data for DNL, INL, offset, and gain error parameters.
(4)
LSB = least-significant bit. 1 LSB at 20-bit resolution is approximately 0.95 ppm.
(5)
For selected VREF, see the OFST_CAL Register.
(6)
Includes internal reference buffer errors and drifts.
6.5 Electrical Characteristics
At RVDD = 5.5 V, DVDD = 1.65 V to 3.6 V, VREF = 5 V, and maximum throughput (unless otherwise noted).
Minimum and maximum values at TA = –40°C to +125°C; typical values at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
FSR
Full-scale input range
(AINP – AINM)
–VREF
VREF
V
VIN
Absolute input voltage
(AINP and AINM to REFM)
0
VREF
V
VCM
Common-mode voltage
(AINP + AINM) / 2
(VREF / 2) –
0.1
VREF / 2
(VREF / 2) +
0.1
V
CIN
Input capacitance
Sample mode
60
pF
Hold mode
4
pF
VOLTAGE REFERENCE INPUT (REFIN)
IREF
Reference input current
VREF = 5 V
0.1
1
µA
CREF
Internal capacitance
10
pF
REFERENCE BUFFER OUTPUT (REFBUFOUT)
V(RO)
Reference buffer offset voltage
(VREFBUFOUT – VREF)
With EN_MARG = 0b(1)
–250
250
µV
CREFBUF
External ceramic decoupling
capacitor
10
22
µF
RESR
External series resistor
0
1
1.3
Ω
ISHRT
Short-circuit current
30
mA
Margining range
With EN_MARG = 1b(1)
±4.5
mV
Margining resolution
With EN_MARG = 1b(1)
280
µV
DC ACCURACY(2) (CREFBUF = 22 µF, RESR = 1 Ω)
Resolution
20
Bits
NMC
No missing codes
20
Bits
INL
Integral nonlinearity(3)
TA = 0°C to +60°C
-2
±1
2
ppm(4)
TA = –40°C to +85°C
-2.75
±1
2.75
TA = –40°C to +125°C
-3.75
±1
3.75
DNL
Differential nonlinearity(3)
-0.5
±0.2
0.5
ppm(4)
E(IO)
Input offset error(3)
TA = 25°C
(5)
-11.5
±3
11.5
ppm(4)
TA = –40°C to +125°C
(5)
-60
±10
60
dVOS/dT
Input offset thermal drift(5)
10
μV/°C
GE
Gain error(3)
EN_MARG = 0b(1)(6)
-0.03
±0.005
0.03
%FSR
dGE/dT
Gain error thermal drift
EN_MARG = 0b(1)(6)
3.6
ppm/°C
TNS
Transition noise
2.3
ppm(4)
First output code deviation for
burst-mode data acquisition
See Reference Buffer Module
–3
3
TNS
CMRR
Common-mode rejection ratio
dc to 20 kHz
80
dB
SAMPLING DYNAMICS
Aperture delay
4
ns
tj-rms
Aperture jitter
2
ps RMS
f3-DB(small)
Small-signal bandwidth
23
MHz


Similar Part No. - ADS890xB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGER TI1-ADS8910BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8910BRGET TI1-ADS8910BRGET Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912B TI1-ADS8912B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8912BRGER TI1-ADS8912BRGER Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
More results

Similar Description - ADS890xB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Linear Technology
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com