Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPN65R1K5CE Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPN65R1K5CE
Description  650V CoolMOS짧 CE Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPN65R1K5CE Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPN65R1K5CE Datasheet HTML 2Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 3Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 4Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 5Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 6Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 7Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 8Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 9Page - Infineon Technologies AG IPN65R1K5CE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
650VCoolMOSªCEPowerTransistor
IPN65R1K5CE
Rev.2.0,2016-04-29
Final Data Sheet
4Electricalcharacteristicsdiagrams
Diagram1:Powerdissipation
TC[°C]
0
25
50
75
100
125
150
0
1
2
3
4
5
6
Ptot=f(TC)
Diagram2:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=25°C;D=0;parameter:tp
Diagram3:Safeoperatingarea
VDS[V]
100
101
102
103
10-3
10-2
10-1
100
101
1 µs
10 µs
100 µs
1 ms
10 ms
DC
ID=f(VDS);TC=80°C;D=0;parameter:tp
Diagram4:Max.transientthermalimpedance
tp[s]
10-5
10-4
10-3
10-2
10-1
100
101
10-2
10-1
100
101
102
0.5
0.2
0.1
0.05
0.02
0.01
single pulse
ZthJC=f(tP);parameter:D=tp/T


Similar Part No. - IPN65R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPN60R1K0CE INFINEON-IPN60R1K0CE Datasheet
1Mb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPN60R1K0PFD7S INFINEON-IPN60R1K0PFD7S Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
IPN60R1K0PFD7SATMA1 INFINEON-IPN60R1K0PFD7SATMA1 Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
IPN60R1K5CE INFINEON-IPN60R1K5CE Datasheet
1Mb / 13P
   600V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPN60R1K5PFD7S INFINEON-IPN60R1K5PFD7S Datasheet
719Kb / 14P
   600V CoolMOS짧 PFD7 SJ Power Device
Rev.2.0,2019-09-27
More results

Similar Description - IPN65R1K5CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R1K5CE INFINEON-IPD65R1K5CE Datasheet
969Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-24
IPS65R1K5CE INFINEON-IPS65R1K5CE_16 Datasheet
1Mb / 14P
   650V CoolMOS짧 CE Power Transistor
2016-03-31
IPS65R400CE INFINEON-IPS65R400CE Datasheet
1Mb / 15P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-23
IPD65R1K0CE INFINEON-IPD65R1K0CE Datasheet
969Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPD65R400CE INFINEON-IPD65R400CE Datasheet
1Mb / 15P
   650V CoolMOS짧 CE Power Transistor
Rev. 2.0 2016-02-26
IPS65R650CE INFINEON-IPS65R650CE Datasheet
986Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-25
IPS65R1K0CE INFINEON-IPS65R1K0CE_16 Datasheet
1Mb / 14P
   650V CoolMOS짧 CE Power Transistor
2016-03-31
IPD70R950CE INFINEON-IPD70R950CE Datasheet
1Mb / 16P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-18
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com