Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21571S Datasheet(PDF) 4 Page - International Rectifier

Part # IR21571S
Description  FULLY INTEGRATED BALLAST CONTROL IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571S Datasheet(HTML) 4 Page - International Rectifier

  IR21571S Datasheet HTML 1Page - International Rectifier IR21571S Datasheet HTML 2Page - International Rectifier IR21571S Datasheet HTML 3Page - International Rectifier IR21571S Datasheet HTML 4Page - International Rectifier IR21571S Datasheet HTML 5Page - International Rectifier IR21571S Datasheet HTML 6Page - International Rectifier IR21571S Datasheet HTML 7Page - International Rectifier IR21571S Datasheet HTML 8Page - International Rectifier IR21571S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IR21571(S)
4
www.irf.com
Floating Supply Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
IQBS0
Quiescent VBS supply current
0
0
15
VHO = VS
IQBS1
Quiescent VBS supply current
5
35
65
VHO = VB
ILK Offset supply leakage current
50
µA
VB = VS = 600V
µA
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V +/- 0.25V, RT = 40.0kΩ, CT = 470 pF, RPH and RUN leads no connection, VCPH = 0.0V,
RDT = 6.1kΩ, ROC = 20.0kΩ, VCS = 0.5V, VSD = 0.0V, CL = 1000pF, TA = 25
oC unless otherwise specified.
RPH
Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
IRPHLK
Open circuit RPH lead leakage current
0.01
0.1
µA
VRPH= 5V,VRPH= 6V
VRPHFLT Fault-mode RPH lead voltage
0
50
mV
SD = 5V, CS = 2V,
or Tj > TSD
Oscillator I/O Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
fosc
Oscillator frequency
45.5
48
50.5
RT = 16.9k
Ω, RDT =
6.1k
Ω, CT=470pF
d
Oscillator duty cycle
49.5
50
50.5
%
VCT+
Upper CT ramp voltage threshold
3.7
4.0
4.3
VCT-
Lower CT ramp voltage threshold
1.85
2.0
2.15
VCTFLT
Fault-mode CT lead voltage
0
50
mV
SD = 5V, CS = 2V,
or Tj > TSD
VRT
RT lead voltage
1.85
2.0
2.15
V
VRTFLT
Fault-mode RT lead voltage
0
50
SD = 5V, CS = 2V,
or Tj > TSD
tdlo
LO output deadtime
2
2.3
2.5
tdho
HO output deadtime
2
2.3
2.5
mV
kHz
µsec
V
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
ICPH
CPH lead charging current
0.72
0.85
0.98
µAVCPH = 5.3V
VCPHIGN
CPH lead lgnition mode threshold voltage
3.7
4.0
4.3
VCPHRUN CPH lead run mode threshold voltage
4.7
5.15
5.45
VCPHCLMP CPH lead clamp voltage
9.0
9.5
10.5
ICPH = 1mA
VCPHFLT
Fault-mode CPH lead voltage
0
300
mV
SD = 5V, CS = 2V,
or Tj > TSD
Preheat Characteristics
V


Similar Part No. - IR21571S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
More results

Similar Description - IR21571S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com