Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPI084N06L3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPI084N06L3G
Description  OptiMOS?? Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI084N06L3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPI084N06L3G Datasheet HTML 1Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 2Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 3Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 4Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 5Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 6Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 7Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 8Page - Infineon Technologies AG IPI084N06L3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Type
IPB081N06L3 G IPP084N06L3 G
IPI084N06L3 G
OptiMOS3 Power-Transistor
Features
• Ideal for high frequency switching and sync. rec.
• Optimized technology for DC/DC converters
• Excellent gate charge x R DS(on) product (FOM)
• N-channel, logic level
• 100% avalanche tested
• Pb-free plating; RoHS compliant
• Qualified according to JEDEC
1) for target applications
• Halogen-free according to IEC61249-2-21
VDS
60
V
RDS(on),max (SMD)
8.1
m
Ω
ID
50
A
Product Summary
Type
IPB081N06L3 G
IPP084N06L3 G
IPI084N06L3 G
Package
PG-TO263-3
PG-TO220-3
PG-TO262-3
Rev. 2.24
page 1
2012-11-28
Maximum ratings,
at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
2)
50
A
T C=100 °C
50
Pulsed drain current
3)
I D,pulse
T C=25 °C
200
Avalanche energy, single pulse
4)
E AS
I D=50 A, R GS=25 Ω
43
mJ
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
79
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
4) See figure 13 for more detailed information
Value
1)J-STD20 and JESD22
2) Current is limited by bondwire; with an R
thJC=1.9 K/W the chip is able to carry 73 A.
3) See figure 3 for more detailed information
Package
PG-TO263-3
PG-TO220-3
PG-TO262-3
Marking
081N06L
084N06L
084N06L
Rev. 2.24
page 1
2012-11-28


Similar Part No. - IPI084N06L3G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPI086N10N3 ISC-IPI086N10N3 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPI086N10N3G INFINEON-IPI086N10N3G Datasheet
480Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.5 2010-07-16
IPI086N10N3G INFINEON-IPI086N10N3G Datasheet
784Kb / 12P
   N-channel, normal level
Rev. 2.6 2013-07-09
IPI08CN10NG INFINEON-IPI08CN10NG Datasheet
527Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.02 2006-06-02
IPI08CN10NG INFINEON-IPI08CN10NG Datasheet
413Kb / 11P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.08 2010-04-26
More results

Similar Description - IPI084N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com