Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP084N06L3G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP084N06L3G
Description  OptiMOS?? Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP084N06L3G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPP084N06L3G_12 Datasheet HTML 3Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 4Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 5Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 6Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 7Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 8Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 9Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 10Page - Infineon Technologies AG IPP084N06L3G_12 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IPB081N06L3 G IPP084N06L3 G
IPI084N06L3 G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=50 A pulsed
parameter: T j(start)
parameter: V DD
12 V
30 V
48 V
0
2
4
6
8
10
0
1020
304050
Q
gate [nC]
25 °C
100 °C
150 °C
1
10
100
0.1
1
10
100
1000
t
AV [µs]
Rev. 2.24
page 7
2012-11-28
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
12 V
30 V
48 V
0
2
4
6
8
10
0
1020
304050
Q
gate [nC]
50
55
60
65
70
-60
-20
20
60
100
140
180
T
j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
1
10
100
0.1
1
10
100
1000
t
AV [µs]
Rev. 2.24
page 7
2012-11-28


Similar Part No. - IPP084N06L3G_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP084N06L3G INFINEON-IPP084N06L3G Datasheet
700Kb / 10P
   OptiMosTM3 Power-Transistor
2010-01-19 revision:2.23
logo
VBsemi Electronics Co.,...
IPP084N06L3G VBSEMI-IPP084N06L3G Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - IPP084N06L3G_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com