Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD65R400CE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPD65R400CE
Description  650V CoolMOS짧 CE Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R400CE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPD65R400CE Datasheet HTML 6Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 7Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 8Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 9Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 10Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 11Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 12Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 13Page - Infineon Technologies AG IPD65R400CE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
650VCoolMOSªCEPowerTransistor
IPD65R400CE,IPS65R400CE
Rev.2.0,2016-02-23
Final Data Sheet
Diagram13:Drain-sourcebreakdownvoltage
Tj[°C]
-75
-50
-25
0
25
50
75
100 125 150 175
580
600
620
640
660
680
700
720
740
760
VBR(DSS)=f(Tj);ID=1mA
Diagram14:Typ.capacitances
VDS[V]
0
100
200
300
400
500
100
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram15:Typ.Cossstoredenergy
VDS[V]
0
100
200
300
400
500
600
0
1
2
3
4
5
6
Eoss=f(VDS)


Similar Part No. - IPD65R400CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R400CE INFINEON-IPD65R400CE Datasheet
1Mb / 15P
   650V CoolMOS짧 CE Power Transistor
Rev. 2.0 2016-02-26
logo
Inchange Semiconductor ...
IPD65R400CE ISC-IPD65R400CE Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPD65R400CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R1K5CE INFINEON-IPD65R1K5CE Datasheet
969Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-24
IPS65R1K5CE INFINEON-IPS65R1K5CE_16 Datasheet
1Mb / 14P
   650V CoolMOS짧 CE Power Transistor
2016-03-31
IPN65R1K5CE INFINEON-IPN65R1K5CE Datasheet
1Mb / 13P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
IPD65R1K0CE INFINEON-IPD65R1K0CE Datasheet
969Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26
IPD65R400CE INFINEON-IPD65R400CE Datasheet
1Mb / 15P
   650V CoolMOS짧 CE Power Transistor
Rev. 2.0 2016-02-26
IPS65R650CE INFINEON-IPS65R650CE Datasheet
986Kb / 14P
   650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-25
IPS65R1K0CE INFINEON-IPS65R1K0CE_16 Datasheet
1Mb / 14P
   650V CoolMOS짧 CE Power Transistor
2016-03-31
IPD70R950CE INFINEON-IPD70R950CE Datasheet
1Mb / 16P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-18
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com