Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1110LE-175 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1110LE-175
Description  3V 10-Tap Silicon Delay Line
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110LE-175 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1110LE-175 Datasheet HTML 1Page - Dallas Semiconductor DS1110LE-175 Datasheet HTML 2Page - Dallas Semiconductor DS1110LE-175 Datasheet HTML 3Page - Dallas Semiconductor DS1110LE-175 Datasheet HTML 4Page - Dallas Semiconductor DS1110LE-175 Datasheet HTML 5Page - Dallas Semiconductor DS1110LE-175 Datasheet HTML 6Page - Dallas Semiconductor DS1110LE-175 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3V 10-Tap Silicon Delay Line
_____________________________________________________________________
3
Note 1: All voltages are referenced to ground.
Note 2: Measured with outputs open.
Note 3: Initial tolerances are ± with respect to the nominal value at +25°C and VCC = 3.3V for both leading and trailing edges.
Note 4: Temperature and voltage tolerances are with respect to the nominal delay value over stated temperature range and a 2.7V to
3.6V range.
Note 5: Intermediate delay values are available on a custom basis.
Note 6: See Test Conditions section.
Note 7: All tap delays tend to vary unidirectionally with temperature or voltage changes. For example, if tap 1 slows down, all other
taps also slow down; tap 3 can never be faster than tap 2.
Note 8: Pulse width and period specifications may be exceeded; however, accuracy is application sensitive (decoupling, layout, etc.).
Note 9: For Tap 1 delays greater than 20ns, the tolerance is ±3ns or ±5%, whichever is greater.
CAPACITANCE
(TA = +25°C.)
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
510
pF
-2
-1
0
1
2
3
4
-3
CHANGE IN DELAY (%) vs. TEMPERATURE
DS1110L-250
TEMPERATURE (
°C)
60
35
10
-15
-40
85
RISING EDGE
FALLING EDGE
CHANGE IN DELAY (%) vs. TEMPERATURE
DS1110L-500
TEMPERATURE (
°C)
60
35
10
-15
-4
-3
-2
-1
0
1
2
3
4
5
6
-5
-40
85
RISING EDGE
FALLING EDGE
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.4
DELAY CHANGE (%)
vs. VCC DS1110L-250
VCC (V)
3.3
3.0
2.7
3.6
RAISING EDGE
FALLING EDGE
DELAY CHANGE (%)
vs. VCC DS1110L-500
VCC (V)
3.3
3.0
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
-0.35
2.7
3.6
RAISING EDGE
FALLING EDGE


Similar Part No. - DS1110LE-175

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110-100 DALLAS-DS1110-100 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-125 DALLAS-DS1110-125 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
DS1110-150 DALLAS-DS1110-150 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
More results

Similar Description - DS1110LE-175

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1110 DALLAS-DS1110 Datasheet
110Kb / 8P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com