Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380C-200AC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1380C-200AC
Description  18-Mb (512K x 36/1M x 18) Pipelined SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380C-200AC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1380C-200AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1380C-200AC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CY7C1380C
CY7C1382C
Document #: 38-05237 Rev. *D
Page 9 of 36
CY7C1382C:Pin Definitions
Name
TQFP
BGA
fBGA
I/O
Description
A0, A1 , A
37,36,32,
33,34,35,
42,43,44,
45,46,47,
48,49,50,
80,81,82,
99,100
P4,N4,
A2,B2,
C2,R2,
T2,A3,
B3,C3,
T3,A5,
B5,C5,
T5,A6,
B6,C6,
R6,T6
R6,P6,A2,
A10,A11,
B2,B10,P3,P4,
N6,P8,P9,
P10,P11,
R3,R4,R8,R9,
R10,
R11
Input-
Synchronous
Address Inputs used to select one of the 512K
address locations. Sampled at the rising edge of
the CLK if ADSP or ADSC is active LOW, and CE1,
CE2, and CE3 are sampled active. A1: A0 are fed
to the two-bit counter..
BWA,BWB
93,94
G3,L5
B5,A4
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified
with BWE to conduct byte writes to the SRAM.
Sampled on the rising edge of CLK.
GW
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW. When
asserted LOW on the rising edge of CLK, a global
write is conducted (ALL bytes are written,
regardless of the values on BWX and BWE).
BWE
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled
on the rising edge of CLK. This signal must be
asserted LOW to conduct a byte write.
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all synchronous
inputs to the device. Also used to increment the
burst counter when ADV is asserted LOW, during a
burst operation.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the
rising edge of CLK. Used in conjunction with CE2
and CE3 to select/deselect the device. ADSP is
ignored if CE1 is HIGH.
CE2
[2]
97
-
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on
the rising edge of CLK. Used in conjunction with
CE1 and CE3 to select/deselect the device.
CE3 [2]
92
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the
rising edge of CLK. Used in conjunction with CE1
and CE2 to select/deselect the device. Not available
for AJ package version.Not connected for BGA.
Where referenced, CE3 is assumed active
throughout this document for BGA.
OE
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input, active
LOW. Controls the direction of the I/O pins. When
LOW, the I/O pins behave as outputs. When
deasserted HIGH, I/O pins are tri-stated, and act as
input data pins. OE is masked during the first clock
of a read cycle when emerging from a deselected
state.
ADV
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the rising
edge of CLK, active LOW. When asserted, it
automatically increments the address in a burst
cycle.


Similar Part No. - CY7C1380C-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25-133AC CYPRESS-CY7C1380CV25-133AC Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25-167AC CYPRESS-CY7C1380CV25-167AC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25-167AC CYPRESS-CY7C1380CV25-167AC Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1380C-200AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380BV25 CYPRESS-CY7C1380BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com