Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU97510CKV-M Datasheet(PDF) 8 Page - Rohm

Part # BU97510CKV-M
Description  Multi- function LCD Segment Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97510CKV-M Datasheet(HTML) 8 Page - Rohm

Back Button BU97510CKV-M_16 Datasheet HTML 4Page - Rohm BU97510CKV-M_16 Datasheet HTML 5Page - Rohm BU97510CKV-M_16 Datasheet HTML 6Page - Rohm BU97510CKV-M_16 Datasheet HTML 7Page - Rohm BU97510CKV-M_16 Datasheet HTML 8Page - Rohm BU97510CKV-M_16 Datasheet HTML 9Page - Rohm BU97510CKV-M_16 Datasheet HTML 10Page - Rohm BU97510CKV-M_16 Datasheet HTML 11Page - Rohm BU97510CKV-M_16 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8/28
Datasheet
Datasheet
BU97510CKV-M
TSZ02201-0P4P0D300560-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
02.Apr.2015 Rev.003
www.rohm.com
TSZ22111㋪15㋪001
(2) When SCL is stopped at the high level
D1
D2
P1
P0
P2
DR
OC
FC0
FC1
FC2
BU
0
0
SC
DD
2bit
0
0
0
D54
D53
D56
D55
DT
D52
D51
D50
D49
D48
D47
Device code
8bit
000
0
01
0
1
B0
B1
B2
B3
A0
A1
A2
Display data
56bit
Control data
14bit
D57
D58
0
PG1
PF0
PF1
PF3
0
1
PF2
DD
2bit
0
0
0
D112
D110
D109
D108
D107
D106
D105
D104
D103
D102
PG2PG3
PG4PG5
PG6
Control data
14bit
Display data
56bit
Device code
8bit
00
0
0
0
1
0
1
B0
B1
B2
B3
A0
A1
A2
D113
D114
D161
D162
D163
D164
W21
W23
W22
W24
W10
W25
W30
W31
W32
W33
W35
1
0
W34
Display data
52bit
Contrl data
18bit
DD
2bit
W11
W12
W13
W14
W15
W20
D160
D159
Device code
8bit
0
00
00
1
0
1
B0
B1
B2
B3
A0
A1
A2
D165
D166
D213
D214
D215
D216
W51
W53
W52
W54
W40
W55
W60
W61
W62
W63
W65
1
1
W64
Display data
52bit
Control data
18bit
DD
2bit
W41
W42
W43W44
W45W50
D211
D212
Device code
8bit
0
00
00
1
0
1
B0
B1
B2
B3
A0
A1
A2
Figure 8. 3-SPI Data Transfer Format
Note : DD is direction data.
Device code・・・・・・・・・・・・・・・・・・・・・・・”41H”
D1~D216・・・・・・・・・・・・・・・・・・・・・・・・・Display data
P0~2・・・・・・・・・・・・・・・・・・・・・・・・・・・・・Segment / PWM / General Purpose output port switching control data
DR・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・1/3-Bias drive or 1/2-Bias drive switching control data
DT・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・1/4-Duty drive or 1/3-Duty drive switching control data
FC0~FC2・・・・・・・・・・・・・・・・・・・・・・・・・Frame frequency switching control data
OC・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・Internal oscillator operating mode/External clock operating mode switching control data
SC・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・Segment on/off switching control data
BU・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・Normal mode/power-saving mode switching control data
PG1~PG6・・・・・・・・・・・・・・・・・・・・・・・・・PWM/General Purpose output switching control data
PF0~PF3・・・・・・・・・・・・・・・・・・・・・・・・・・PWM output waveform frame frequency switching control data
W10~W15, W20~W25, W30~W35,W40~W45, W50~W55, W60~W65
・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・
PWM output waveform duty switching control data
SCE
SCL
SDI


Similar Part No. - BU97510CKV-M_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97510CKV-M ROHM-BU97510CKV-M Datasheet
1Mb / 31P
   AEC-Q100 Qualified
More results

Similar Description - BU97510CKV-M_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BU91501KV-M ROHM-BU91501KV-M Datasheet
2Mb / 34P
   Multi- function LCD Segment Drivers
BU91510KV-M ROHM-BU91510KV-M Datasheet
1Mb / 32P
   Multi- function LCD Segment Drivers
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
BU97981XXX ROHM-BU97981XXX Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
BU97550KV-M ROHM-BU97550KV-M_15 Datasheet
4Mb / 73P
   Multi-function LCD Segment Drivers
BU97981KV-E2 ROHM-BU97981KV-E2 Datasheet
2Mb / 50P
   Multi-function LCD Segment Drivers
BU97540KV-M ROHM-BU97540KV-M Datasheet
3Mb / 70P
   Multi-function Segment Drivers
BU9795AKV ROHM-BU9795AKV Datasheet
401Kb / 16P
   Standard function Segment Drivers
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com