Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU90LV047A-E2 Datasheet(PDF) 11 Page - Rohm

Part # BU90LV047A-E2
Description  4bit LVDS Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90LV047A-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BU90LV047A-E2 Datasheet HTML 7Page - Rohm BU90LV047A-E2 Datasheet HTML 8Page - Rohm BU90LV047A-E2 Datasheet HTML 9Page - Rohm BU90LV047A-E2 Datasheet HTML 10Page - Rohm BU90LV047A-E2 Datasheet HTML 11Page - Rohm BU90LV047A-E2 Datasheet HTML 12Page - Rohm BU90LV047A-E2 Datasheet HTML 13Page - Rohm BU90LV047A-E2 Datasheet HTML 14Page - Rohm BU90LV047A-E2 Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Technical Note
11/11
BU90LV047A
www.rohm.com
2011.12 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Ordering part number
B
U
9
0
L
V
0
4
7
A
-
E
2
Part No.
Part No.
90LV047A (Package: SSOP-B16)
Packaging and forming specification
E2: Embossed tape and reel
(Unit : mm)
SSOP-B16
9
8
16
1
0.65
5.0
±0.2
0.22
±0.1
0.15
±0.1
0.1
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin


Similar Part No. - BU90LV047A-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
More results

Similar Description - BU90LV047A-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
BU90LV048 ROHM-BU90LV048 Datasheet
712Kb / 12P
   4bit LVDS Receiver
BU90LV049A ROHM-BU90LV049A Datasheet
303Kb / 14P
   4bit LVDS Transceiver
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
logo
ams AG
AS1154_V2 AMSCO-AS1154_V2 Datasheet
353Kb / 16P
   Dual LVDS Driver
AS1152 AMSCO-AS1152 Datasheet
145Kb / 15P
   Quad LVDS Driver
logo
List of Unclassifed Man...
WSM5K6 ETC-WSM5K6 Datasheet
227Kb / 12P
   4BIT MICROCOMPUTER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com