Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU90LV047A Datasheet(PDF) 8 Page - Rohm

Part # BU90LV047A
Description  4bit LVDS Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU90LV047A Datasheet(HTML) 8 Page - Rohm

Back Button BU90LV047A_11 Datasheet HTML 4Page - Rohm BU90LV047A_11 Datasheet HTML 5Page - Rohm BU90LV047A_11 Datasheet HTML 6Page - Rohm BU90LV047A_11 Datasheet HTML 7Page - Rohm BU90LV047A_11 Datasheet HTML 8Page - Rohm BU90LV047A_11 Datasheet HTML 9Page - Rohm BU90LV047A_11 Datasheet HTML 10Page - Rohm BU90LV047A_11 Datasheet HTML 11Page - Rohm BU90LV047A_11 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Technical Note
8/11
BU90LV047A
www.rohm.com
2011.12 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
●Switching Characteristics
VCC = +3.3V ±0.3V, Topr = -40℃ to +85℃
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Differential Propagation Delay
High to Low
tPHLD
RL = 100Ω, CL = 15pF
(Fig.5 and Fig.6)
0.5
1.7
2.8
ns
Differential Propagation Delay
Low to High
tPLHD
0.5
1.7
2.8
ns
Differential Pulse Skew
|tPHLD – tPLHD|
tSKD1
0
0.3
0.4
ns
Channel-to-Channel Skew
tSKD2
0
0.4
0.5
ns
Differential Part to Part Skew
tSKD3
0
-
1.0
ns
Differential Part to Part Skew
tSKD4
0
-
1.2
ns
Rise Time
tTLH
-
0.5
1.5
ns
Fall Time
tTHL
-
0.5
1.5
ns
Disable Time High to Z
tPHZ
RL = 100Ω, CL = 15pF
(Fig.7 and Fig.8)
-
2
5
ns
Disable Time Low to Z
tPLZ
-
2
5
ns
Enable Time Z to High
tPZH
-
3
7
ns
Enable Time Z to Low
tPZL
-
3
7
ns
Maximum Operating Frequency
fMax
250
-
-
MHz
Fig.4.
Driver VOD and VOS Test Circuit
D
Vcc
GND
S1
DIN
VOS
RL/2
DOUT+
DOUT-
VOD
RL/2
Driver ENABLED


Similar Part No. - BU90LV047A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
More results

Similar Description - BU90LV047A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90LV047A ROHM-BU90LV047A Datasheet
718Kb / 12P
   4bit LVDS Driver
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
BU90LV048 ROHM-BU90LV048 Datasheet
712Kb / 12P
   4bit LVDS Receiver
BU90LV049A ROHM-BU90LV049A Datasheet
303Kb / 14P
   4bit LVDS Transceiver
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
logo
ams AG
AS1154_V2 AMSCO-AS1154_V2 Datasheet
353Kb / 16P
   Dual LVDS Driver
AS1152 AMSCO-AS1152 Datasheet
145Kb / 15P
   Quad LVDS Driver
logo
List of Unclassifed Man...
WSM5K6 ETC-WSM5K6 Datasheet
227Kb / 12P
   4BIT MICROCOMPUTER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com