Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP359B Datasheet(PDF) 9 Page - Rohm

Part # BP359B
Description  Wireless LAN Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP359B Datasheet(HTML) 9 Page - Rohm

Back Button BP359B Datasheet HTML 5Page - Rohm BP359B Datasheet HTML 6Page - Rohm BP359B Datasheet HTML 7Page - Rohm BP359B Datasheet HTML 8Page - Rohm BP359B Datasheet HTML 9Page - Rohm BP359B Datasheet HTML 10Page - Rohm BP359B Datasheet HTML 11Page - Rohm BP359B Datasheet HTML 12Page - Rohm BP359B Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
アンテナ内蔵 IEEE802.11b/g/n (1x1) BP359B
ハードウェア仕様書
2016/05/23
9/27
PROPRIETARY AND CONFIDENTIAL
Confidential
Confidential
7 電気的特性
測定条件:Ta=25℃、VCC=3.3V、GND=0.0V
No.
項目
条件
規格値
単位
備考
MIN
TYP
MAX
1
消費電流
送信時
270
350
430
mA
連続送信時
受信時
190
230
270
mA
スリープ時
-
1200
-
uA
Deep Sleep
2
中心周波数
-
2412
-
2472
MHz
3
周波数偏差
-
-25
-
25
ppm
4
送信電力
11b:11Mbps
13
15
17
dBm
(*1)
11g:54Mbps
11
13
15
dBm
(*1)
11n:MCS7
10
12
14
dBm
(*1)
5
帯域外不要輻射
-
-
-
2.5
uW/MHz
6
スペクトラム
マスク
DSSS 11Mbps
-
-
-30
dBr
第 1 サイドローブ
-
-
-50
dBr
第 2 サイドローブ
OFDM 54Mbps
-
-
-20
dBr
±11MHz
-
-
-28
dBr
±20MHz
-
-
-40
dBr
±30MHz
7
受信感度
11b:11Mbps
-
-89
-76
dBm
PER<8% (*1)
11g:54Mbps
-73
-65
dBm
PER<10%
(*1)
11n:MCS7
-
-68
-64
dBm
PER<10%
(*1)
8
受信時不要輻射
Fr<1GHz
-
-
4
nW
Fr≧1GHz
-
-
20
nW
(*1) アンテナ給電点における


Similar Part No. - BP359B

ManufacturerPart #DatasheetDescription
logo
Rohm
BP3595 ROHM-BP3595 Datasheet
301Kb / 1P
   Compact Wireless LAN Module with Integrated Antenna
BP3596 ROHM-BP3596 Datasheet
574Kb / 2P
   Low Power Sub-1GHz Radio Module
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
More results

Similar Description - BP359B

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SP-6128 PROTECHSYSTEMS-SP-6128 Datasheet
598Kb / 2P
   Optional Wireless LAN module
logo
Taiyo Yuden (U.S.A.), I...
WYSBHVGXG TAIYO-YUDEN-WYSBHVGXG Datasheet
465Kb / 22P
   Wireless LAN Bluetooth Module
logo
Mitsumi Electronics, Co...
DWM-W317B1 MITSUMI-DWM-W317B1 Datasheet
64Kb / 2P
   Wireless LANBluetooth짰 Module
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
logo
Rohm
BW9490-E ROHM-BW9490-E Datasheet
542Kb / 1P
   IEEE802. 11b/g Wireless LAN Module
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
BP3595 ROHM-BP3595 Datasheet
301Kb / 1P
   Compact Wireless LAN Module with Integrated Antenna
logo
Taiyo Yuden (U.S.A.), I...
WBSBHVGXG TAIYO-YUDEN-WBSBHVGXG Datasheet
610Kb / 8P
   Wireless LAN and Bluetooth Module Evaluation Board
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
   2.4 GHz Wireless LAN Power Amplifier Module
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
   2.4 GHz Wireless LAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com