Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM6215FS-E2 Datasheet(PDF) 4 Page - Rohm

Part # BM6215FS-E2
Description  3-Phase Brushless Fan Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6215FS-E2 Datasheet(HTML) 4 Page - Rohm

  BM6215FS-E2 Datasheet HTML 1Page - Rohm BM6215FS-E2 Datasheet HTML 2Page - Rohm BM6215FS-E2 Datasheet HTML 3Page - Rohm BM6215FS-E2 Datasheet HTML 4Page - Rohm BM6215FS-E2 Datasheet HTML 5Page - Rohm BM6215FS-E2 Datasheet HTML 6Page - Rohm BM6215FS-E2 Datasheet HTML 7Page - Rohm BM6215FS-E2 Datasheet HTML 8Page - Rohm BM6215FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4/27
Datasheet
Datasheet
BM6213FS
TSZ02201-0828AB400400-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
27.Jun.2016 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
7. Output Duty Pulse Width Limiter
Pulse width duty is controlled during PWM switching in order to ensure the operation of internal power transistor. The
controller doesn’t output pulse of less than TMIN (Minimum Pulse Width, 0.8µs minimum), nor output a duty pulse of DMAX
or more. Dead time is forcibly provided to prevent internal power transistors to turn-on simultaneously in upper and lower
side in gate driver output (for example, UH and UL) of each arm. This will not overlap the minimum time TDT (Dead Time,
1.6µs minimum). Because of this, the maximum duty of the synchronous switching mode is 84% (typical).
8. PWM Switching Arm Setting
The PWM switching arm can choose one from the synchronous switching or the upper switching. When PC is “L”, the
switching mode is the synchronous. And also when PC is “H”, the switching mode is the upper switching. However, when
the hall cycle is about 1.4-Hz or less, the switching mode keeps the synchronous even if PC is “H”. When the PWM
control is entering to the testing mode, the controller forces PC pin voltage to ground and synchronous switching mode.
Therefore, when PC pin pull-up to VREG pin, at least a resistor with a value 10k Ω or more. The VSP offset voltage
(Figure 32) is buffered to PCT pin, to connect an external resistor between PCT pin and ground. The internal bias current
is determined by PCT voltage and the resistor value - VPCT / RPCT -, and mixed to PC pin. Because you can freely
determine the slope by the resistance ratio of PC pin and PCT pin, which allows you to adjust the voltage command
value to switch the synchronous switching or the upper switching. Please select the RPCT value from 50 kΩ to 200 kΩ in
the range on the basis of 100 kΩ, because the PCT pin current capability is a 100 µA or less.
Figure 4. PWM Switching Arm Setting
9. Current Limiter (CL) Circuit and Overcurrent Protection (OCP) Circuit
The current limiter circuit can be activated by connecting a low value resistor for current detection between the output
stage ground (PGND) and the controller ground (GND). When the SNS pin voltage reaches or surpasses the threshold
value (VSNS, 0.5V typical), the controller forces all the upper switching arm inputs low (UH, VH, WH = L, L, L), thus
initiating the current limiter operation. When the SNS pin voltage swings below the ground, it is recommended to insert a
resistor - 1.5 kΩ or more - between SNS pin and PGND pin to prevent malfunction. Since this limiter circuit is not a latch
type, it returns to normal operation - synchronizing with the carrier frequency - once the SNS pin voltage falls below the
threshold voltage. A filter is built into the overcurrent detection circuit to prevent malfunctions, and does not activate when
a short pulse of less than TMASK is present at the input.
When the SNS pin voltage reaches or surpasses the threshold value (VOVER, 0.9V typical) because of the power fault or
the short circuit except the ground fault, the gate driver outputs low to the gate of all output MOSFETs, thus initiating the
overcurrent protection operation. Since this protection circuit is also not a latch type, it returns to normal operation
synchronizing with the carrier frequency.
PC
RPCL
PCT
RPCT
VSP
RPCT
VPCT
VSPMIN
VPCT = VSP-VSPMIN
1/2 VREG
Upper SW
or
Upper/Lower SW
VPC
VSP
Upper/Lower
SW
Upper
SW
PC: H
PC: L


Similar Part No. - BM6215FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6215FS-E2 ROHM-BM6215FS-E2 Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6215FS-E2 ROHM-BM6215FS-E2 Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
More results

Similar Description - BM6215FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6246FS ROHM-BM6246FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6204FS ROHM-BM6204FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6249FS ROHM-BM6249FS Datasheet
2Mb / 34P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com