Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6789FVM Datasheet(PDF) 8 Page - Rohm

Part # BH6789FVM
Description  5V Single-phase Full wave
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6789FVM Datasheet(HTML) 8 Page - Rohm

Back Button BH6789FVM_12 Datasheet HTML 4Page - Rohm BH6789FVM_12 Datasheet HTML 5Page - Rohm BH6789FVM_12 Datasheet HTML 6Page - Rohm BH6789FVM_12 Datasheet HTML 7Page - Rohm BH6789FVM_12 Datasheet HTML 8Page - Rohm BH6789FVM_12 Datasheet HTML 9Page - Rohm BH6789FVM_12 Datasheet HTML 10Page - Rohm BH6789FVM_12 Datasheet HTML 11Page - Rohm BH6789FVM_12 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Datasheet
8/10
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
11.Jul.2012 Rev.001
TSZ02201-0H1H0B100110-1-2
TSZ22111・15・001
BH6789FVM
3) Problem of GND line PWM switching
Do not perform PWM switching of GND line because the potential of GND terminal cannot be kept at the minimum.
Fig.15 GND Line PWM switching prohibited
4) AL output
AL output is an open drain and requires pull-up resistor.
The IC can be protected by adding resistor R1. An excess of absolute maximum rating, when AL output terminal is
directly connected to power supply, could damage the IC.
Fig.16 Protection of AL terminal
●Thermal derating curve
Thermal derating curve indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal
resistance θja.
Thermal resistance θja depends on chip size, power consumption, package ambient temperature, packaging condition,
wind velocity, etc., even when the same package is used. Thermal derating curve indicates a reference value measured
at a specified condition. Fig.17 shows a thermal derating curve (Value when mounting FR4 glass epoxy board 70 [mm] x
70 [mm] x 1.6 [mm] (copper foil area below 3 [%]))
Reduce by 4.68 mW/°C over 25°C.
(70.0mm×70.0mm×1.6mm glass epoxy board)
Fig.17 Thermal derating curve
PWM input
Prohibited
Vcc
Motor
Driver
GND
Controller
M
Pd(mW)
700
600
585
500
400
300
200
100
0
25
50
75
105
100
125
150
Ta(℃)
AL
Protection
Resistor R1
Pull-up
resistor
Vcc
Connector
of board


Similar Part No. - BH6789FVM_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6789FVM ROHM-BH6789FVM_1 Datasheet
198Kb / 4P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BH6789FVM_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
   5V Single-phase Full wave
BD6965NUX ROHM-BD6965NUX_12 Datasheet
492Kb / 16P
   5V Single-phase Full wave
BD6966NUX ROHM-BD6966NUX_12 Datasheet
494Kb / 16P
   5V Single-phase Full-wave
BU6904NUX ROHM-BU6904NUX Datasheet
782Kb / 17P
   5V Single-phase Full-wave Fan Motor Driver
BH6799FVM-TR ROHM-BH6799FVM-TR Datasheet
400Kb / 13P
   5V Single-phase Full wave Fan motor driver
BU6904GF ROHM-BU6904GF Datasheet
826Kb / 17P
   5V Single-phase Full-wave Fan Motor Driver
BU6906GF ROHM-BU6906GF Datasheet
890Kb / 19P
   5V Single-phase Full-wave Fan Motor Driver
BU6906NUX ROHM-BU6906NUX Datasheet
833Kb / 19P
   5V Single-phase Full-wave Fan Motor Driver
BH6799FVM ROHM-BH6799FVM_12 Datasheet
400Kb / 13P
   5V Single-phase Full wave Fan motor driver
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com