Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD69730FV-G Datasheet(PDF) 11 Page - Rohm

Part # BD69730FV-G
Description  Multifunction Single-phase Full-wave
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD69730FV-G Datasheet(HTML) 11 Page - Rohm

Back Button BD69730FV-G Datasheet HTML 7Page - Rohm BD69730FV-G Datasheet HTML 8Page - Rohm BD69730FV-G Datasheet HTML 9Page - Rohm BD69730FV-G Datasheet HTML 10Page - Rohm BD69730FV-G Datasheet HTML 11Page - Rohm BD69730FV-G Datasheet HTML 12Page - Rohm BD69730FV-G Datasheet HTML 13Page - Rohm BD69730FV-G Datasheet HTML 14Page - Rohm BD69730FV-G Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Datasheet
Datasheet
11/28
BD69730FV
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
8.Jun.2015 Rev.001
TSZ02201-0H1H0B101410-1-2
Application circuit example(Constant values are for reference)
2) PWM input application 2
It is an example of the application of inverting the external PWM input, and controlling the rotational speed. In this
application, if the external PWM input is OPEN, it controls by the set maximum rotational speed. Minimum rotational
speed cannot be set.
Figure 26. Application of direct PWM input
To be disable TH terminal, set
TH voltage more than OSC
high level (Typ 2.5V) and less
than REF voltage (Typ 5.0V).
Circuit that input direct PWM
(Ref.) PWM input frequency is
20kHz to 50kHz
PWM
M
470Ω to 1kΩ
0Ω to 2kΩ
0Ω to 2kΩ
2kΩ to 20kΩ
1µF to
1µF to
SIG
0Ω to
100pF
to 1000pF
0.1µF to
H
0Ω to
0.01µF
to 4.7µF
200Ω
to 20kΩ
100pF
to 0.01µF
TH
MIN
OSC
FG
SIGNAL
OUTPUT
REF
A1H
VCC
Vcc
H+
A1L
GND
CS
HALL
COMP
HALL
AMP
HB
CONTROL
LOGIC
PRE-
DRIVER
A2L
A2H
REF
REG
REG
OSC
QUICK
START
LOCK
PROTECT
TSD
H-
SS
PWM SOFT
SWITCHING
PWM
COMP
PWM
COMP
HALL
BIAS
SOFT START
& CURRENT
LIMIT COMP
1
2
3
4
5
6
7
8
10
9
14
13
12
11
16
15
VCL


Similar Part No. - BD69730FV-G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD69730FFV ROHM-BD69730FFV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave Fan Motor Driver
More results

Similar Description - BD69730FV-G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
   Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com