Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD69730FV-GE2 Datasheet(PDF) 6 Page - Rohm

Part # BD69730FV-GE2
Description  Multifunction Single-phase Full-wave
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD69730FV-GE2 Datasheet(HTML) 6 Page - Rohm

Back Button BD69730FV-GE2 Datasheet HTML 2Page - Rohm BD69730FV-GE2 Datasheet HTML 3Page - Rohm BD69730FV-GE2 Datasheet HTML 4Page - Rohm BD69730FV-GE2 Datasheet HTML 5Page - Rohm BD69730FV-GE2 Datasheet HTML 6Page - Rohm BD69730FV-GE2 Datasheet HTML 7Page - Rohm BD69730FV-GE2 Datasheet HTML 8Page - Rohm BD69730FV-GE2 Datasheet HTML 9Page - Rohm BD69730FV-GE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Datasheet
Datasheet
6/28
BD69730FV
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
8.Jun.2015 Rev.001
TSZ02201-0H1H0B101410-1-2
Reference data
- continued
-2
0
2
4
6
8
0
5
10
15
20
Output Voltage, VFG [V]
Operating Range
Figure 13. FG Output Leak Current vs Output Voltage
105°C
25°C
-40°C
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
Supply Voltage, Vcc [V]
Operating Range
Figure 14. OSC High/Low Voltage vs Supply Voltage
105°C
25°C
-40°C
105°C
25°C
-40°C
-60
-40
-20
0
20
40
60
0
5
10
15
20
Supply Voltage, Vcc [V]
Operating Range
Figure 15. OSC Charge/Discharge Current vs Supply Voltage
105°C
25°C
-40°C
105°C
25°C
-40°C
2
3
4
5
6
0
5
10
15
20
Supply Voltage, Vcc [V]
Operating Range
Figure 16. Reference Voltage vs Supply Voltage
105°C
25°C
-40°C


Similar Part No. - BD69730FV-GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD69730FFV ROHM-BD69730FFV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave Fan Motor Driver
More results

Similar Description - BD69730FV-GE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
   Multifunction Single-phase Full-wave
BD6726FU ROHM-BD6726FU_12 Datasheet
692Kb / 20P
   Multifunction Single-phase Full-wave
BD6975FV ROHM-BD6975FV Datasheet
632Kb / 17P
   Multifunction Single-phase Full-wave
BD61241FV ROHM-BD61241FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD61243FV ROHM-BD61243FV Datasheet
2Mb / 31P
   Multifunction Single-phase Full-wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD61250MUV ROHM-BD61250MUV Datasheet
1Mb / 30P
   Multifunction Single-phase Full-wave
BD69740FV ROHM-BD69740FV Datasheet
1Mb / 31P
   Multifunction Single-phase Full-wave
BD6994FV ROHM-BD6994FV Datasheet
2Mb / 35P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com