Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63006MUV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD63006MUV-E2
Description  Three-Phase Brushless Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63006MUV-E2 Datasheet(HTML) 4 Page - Rohm

  BD63006MUV-E2 Datasheet HTML 1Page - Rohm BD63006MUV-E2 Datasheet HTML 2Page - Rohm BD63006MUV-E2 Datasheet HTML 3Page - Rohm BD63006MUV-E2 Datasheet HTML 4Page - Rohm BD63006MUV-E2 Datasheet HTML 5Page - Rohm BD63006MUV-E2 Datasheet HTML 6Page - Rohm BD63006MUV-E2 Datasheet HTML 7Page - Rohm BD63006MUV-E2 Datasheet HTML 8Page - Rohm BD63006MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/19
TSZ02201-0P1P0B001150-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2.Jun.2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD63006MUV
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Limit
Unit
Power Supply Voltage
VCC
-0.3 to +33.0
V
VG Voltage
VG
-0.3 to +38.0
V
Control Input Voltage
VIN,VIN2
-0.3 to +5.5
V
FGO Terminal Voltage
VFGO
-0.3 to +7.0
V
RNF Maximum Apply Voltage
VRNF
0.7
V
VREG Output Current
IVREG
-30
(Note 1)
mA
FGO Output Current
IFGO
5
(Note 1)
mA
Driver Output Current
IOUT(DC)
1.5
(Note 1)
A/Phase
Operating Temperature Range
TOPR
-40 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Junction Temperature
Tjmax
150
°C
(Note 1)
Do not exceed Tj=150°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Recommended Operating Conditions (Ta= -40°C to +85°C)
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
8
24
28
V


Similar Part No. - BD63006MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63000MUV ROHM-BD63000MUV Datasheet
619Kb / 17P
   3-phase brushless motor pre-driver
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
BD63001AMUV-E2 ROHM-BD63001AMUV-E2 Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
BD63002AMUV ROHM-BD63002AMUV Datasheet
2Mb / 26P
   3-Phase Brushless Motor Pre-driver
BD63002MUV ROHM-BD63002MUV Datasheet
982Kb / 24P
   3-phase brushless motor pre-driver
More results

Similar Description - BD63006MUV-E2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com