Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63006MUV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD63006MUV-E2
Description  Three-Phase Brushless Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63006MUV-E2 Datasheet(HTML) 1 Page - Rohm

  BD63006MUV-E2 Datasheet HTML 1Page - Rohm BD63006MUV-E2 Datasheet HTML 2Page - Rohm BD63006MUV-E2 Datasheet HTML 3Page - Rohm BD63006MUV-E2 Datasheet HTML 4Page - Rohm BD63006MUV-E2 Datasheet HTML 5Page - Rohm BD63006MUV-E2 Datasheet HTML 6Page - Rohm BD63006MUV-E2 Datasheet HTML 7Page - Rohm BD63006MUV-E2 Datasheet HTML 8Page - Rohm BD63006MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/19
TSZ02201-0P1P0B001150-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2.Jun.2016 Rev.002
TSZ22111
• 14 • 001
www.rohm.com
Three-Phase Brushless Motor Driver
BD63006MUV
General Description
BD63006MUV is a Three-Phase Brushless Motor Driver
with a 33V power supply voltage rating and a 1.5A
output current rating. It generates a driving signal from
the Hall sensor and drives PWM through the input
control signal. In addition, the power supply can use 12V
or 24V and it has various controls and built-in protection
functions, making it useful for variety of purposes. Since
the IC adopts small packages, it can be used on small
diameter motors.
Features
 Built-in 120° Commutation Logic Circuit
 Low ON Resistance DMOS Output
 PWM Control Mode (low side arm switching)
 Built-in Power-saving Circuit
 CW/CCW Function
 Short Brake Function
 FG Output (1FG/3FG conversion)
 Built-in Protection Circuit for Current Limiting (CL),
Overheating (TSD), Over Current (OCP), Under
Voltage (UVLO), Over Voltage (OVLO), Motor Lock
(MLP)
Applications
 OA machines
 Other consumer products
Key Specifications
 Power supply voltage rating:
33V
 Output current rating:
1.5A
 Operating temperature range:
-40 to +85°C
 Stand-by current:
1.7mA(Max)
 Current limit detect voltage:
0.2V±10%
 Output ON Resistance (top & bottom total):
0.8
Ω (Typ)
 UVLO lockout voltage:
6.0V (Typ)
Package
W(Typ) x D(Typ) x H(Max)
VQFN024V4040
4.00mm x 4.00mm x 1.00mm
Typical Application Circuit(s)
0.2
Ω
HU
HV
HW
0.01µF
0.01µF
0.01µF
0.1µF
47µF
0.1µF
HUP
HUN
HVP
HVN
HWP
HWN
PWMB
CW
BRKB
FGO
ENB
VREG
LPE
22
21
23
20
13
14
15
16
17
18
1
19
2
U
V
W
RNF
VCC
GND
7
8
9
10
11
VG
CP1
CP2
4
3
6
0.1µF
0.1µF
24
5
RCL
12
FGSW
M
3~
10k
Ω
Figure 1. Application Circuit
Datasheet


Similar Part No. - BD63006MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63000MUV ROHM-BD63000MUV Datasheet
619Kb / 17P
   3-phase brushless motor pre-driver
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
BD63001AMUV-E2 ROHM-BD63001AMUV-E2 Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
BD63002AMUV ROHM-BD63002AMUV Datasheet
2Mb / 26P
   3-Phase Brushless Motor Pre-driver
BD63002MUV ROHM-BD63002MUV Datasheet
982Kb / 24P
   3-phase brushless motor pre-driver
More results

Similar Description - BD63006MUV-E2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com