Electronic Components Datasheet Search |
|
BD61243FV-E2 Datasheet(PDF) 3 Page - Rohm |
|
BD61243FV-E2 Datasheet(HTML) 3 Page - Rohm |
3 / 31 page . 3/27 © 2015 ROHM Co., Ltd. All rights reserved. TSZ22111 • 15 • 001 www.rohm.com BD61243FV TSZ02201-0H1H0B101290-1-2 Jun.19.2015 Rev. 001 Absolute Maximum Ratings Parameter Symbol Rating Unit Supply Voltage VCC 18 V Power Dissipation Pd 0.87 (Note 1) W Operating Temperature Range Topr –40 to +105 °C Storage Temperature Range Tstg –55 to +150 °C Output Voltage VOMAX 18 V Output Current IOMAX 1.2 (Note 2) A Rotation Speed Pulse Signal (FG) Output Voltage VFG 18 V Rotation Speed Pulse Signal (FG) Output Current IFG 10 mA Reference Voltage (REF) Output Current IREF 10 mA Input Voltage1 (H+, H–,MIN,SSW,ZPER,SLOPE) VIN1 4 V Input Voltage2 (PWM) VIN2 6.5 V Junction Temperature Tj 150 °C (Note 1) Derate by 7.0mW/°C when operating over Ta=25°C. (Mounted on 70.0mm×70.0mm×1.6mm glass epoxy board) (Note 2) Do not exceed Pd and Tj=150°C. Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. Recommended Operating Conditions Parameter Symbol Min Typ Max Unit Operating Supply Voltage Range VCC 5.5 12 16 V Input Voltage Range1 (H+, H–, MIN, SSW, ZPER, SLOPE) VIN1 0 - VREF+0.3 V Input Voltage Range2 (PWM) VIN2 -0.3 - 5 V PWM Input Duty Range DPWM 0 - 100 % PWM Input Frequency Range fPWM 15 - 50 kHz |
Similar Part No. - BD61243FV-E2 |
|
Similar Description - BD61243FV-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |