Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6964F-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD6964F-E2
Description  Standard Single-phase Full wave Fan motor driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6964F-E2 Datasheet(HTML) 1 Page - Rohm

  BD6964F-E2 Datasheet HTML 1Page - Rohm BD6964F-E2 Datasheet HTML 2Page - Rohm BD6964F-E2 Datasheet HTML 3Page - Rohm BD6964F-E2 Datasheet HTML 4Page - Rohm BD6964F-E2 Datasheet HTML 5Page - Rohm BD6964F-E2 Datasheet HTML 6Page - Rohm BD6964F-E2 Datasheet HTML 7Page - Rohm BD6964F-E2 Datasheet HTML 8Page - Rohm BD6964F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/13
TSZ02201-0H1H0B100280-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
20.May.2014 Rev.002
TSZ22111・14・001
DC Brushless Fan Motor Driver
Standard Single-phase Full wave
Fan motor driver
BD6964F
Description
This is the summary of application for BD6964F. BD6964F can drive FAN motor silently by BTL soft switching, and it can
control rotational speed by PWM signal.
Features
■ BTL soft switching drive
■ PWM speed control
■ Quick start function
■ Lock protection and auto restart
(without external capacitor)
■ Lock alarm signal (AL) output
Application
PC, PC peripheral component
(Power supply, VGA card, case FAN etc.)
BD player, Projector etc.
Package
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
15
V
Power Dissipation
Pd
0.78(Note 1)
W
Operating Temperature
Topr
-40 to +105
°C
Storage Temperature
Tstg
-55 to +150
°C
Output Voltage
VOMAX
15
V
Output Current
IOMAX
1000(Note 2)
mA
AL Signal Output Voltage
VAL
15
V
AL Signal Output Current
IAL
10
mA
Junction Temperature
Tjmax
150
°C
(Note 1) Reduce by 6.24mW/°C over 25°C. (On 70.0mm×70.0mm×1.6mm glass epoxy board)
(Note 2) This value is not to exceed Pd.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
SOP8


Similar Part No. - BD6964F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6964F ROHM-BD6964F Datasheet
111Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
271Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
95Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
95Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6964FVM ROHM-BD6964FVM Datasheet
474Kb / 17P
   Standard Single-phase Full wave Fan motor driver
More results

Similar Description - BD6964F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6423AF-E2 ROHM-BA6423AF-E2 Datasheet
578Kb / 13P
   Standard Single-phase Full wave Fan Motor Driver
BD6964FVM ROHM-BD6964FVM_14 Datasheet
474Kb / 17P
   Standard Single-phase Full wave Fan motor driver
BD6962FVM ROHM-BD6962FVM_14 Datasheet
481Kb / 17P
   Standard Single-phase Full wave Fan motor driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com