Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ-N323RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BQ-N323RD
Description  FOUR DIGIT LED DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BQ-N323RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BQ-N323RD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BQ-M321RD
BQ-N321RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BQ-M325RD
BQ-N325RD
BQ-M325RE
BQ-N325RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BQ-M322RD
BQ-N322RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BQ-M323RD
BQ-N323RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BQ-M324RD
BQ-N324RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BQ-M326RD
BQ-N326RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.36"
Four-Digit
BQ-M32DRD
BQ-N32DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
FD-05
BQ-M401RD
BQ-N401RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BQ-M405RD
BQ-N405RD
BQ-M405RE
BQ-N405RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BQ-M402RD
BQ-N402RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BQ-M403RD
BQ-N403RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BQ-M404RD
BQ-N404RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BQ-M406RD
BQ-N406RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.40"
Four-Digit
BQ-M40DRD
BQ-N40DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
FD-06
FD-05
BQ-M
N 32xRD
FD-06
BQ-M
N 40xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect
.
3.00(.118)MIN.
7.10(.280)
2.54x5=12.7(.500)
E0.45(.018)
29.50(1.161)
9.20(.362)
PIN.1
+
5B
4.80(.189)
BQ-N32xRD
7
11
AB
4 2
D
CE
10
1
5
FG
12
D1
3
DP
D2
9
D3
8
D4
6
14.00(.551)
10.16(.400)
D1
D2
D3
C
E
D
F
G
A
B
D4
D1
D2
F
E
D
G
A
C
B
D3
D4
d2
d3
D2
9
8
D3
6
D4
D1
12
AB C D E F G
PIN.1
d1
6.4(.252)
6.4(.252) 0.5
A
E0.45(.018)
9.8(.386)
39.2(1.543)
2.54x5=12.7(.500)
9.8(.386)
9.8(.386)
12.9(.507)
10.16(.400)
10B
5.6(.220)
11.50(.453)
BQ-N40xRD
+
11 7 42 1 10 5 3
d1
d4
d5
d5
d4
d3
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BQ-N323RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BQ-N323RD BRIGHT-BQ-N323RD Datasheet
202Kb / 3P
   9.20mm (0.36) high four digit seven segments display
More results

Similar Description - BQ-N323RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BQ-A531RD YSTONE-BQ-A531RD Datasheet
133Kb / 1P
   FOUR DIGIT LED DISPLAYS
BQ-M281RD YSTONE-BQ-M281RD Datasheet
133Kb / 1P
   FOUR DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BQ-M411RD ETC-BQ-M411RD Datasheet
132Kb / 1P
   FOUR DIGIT LED DISPLAYS
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456A MICRO-ELECTRONICS-MG456A Datasheet
76Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
CA04-41EWA KINGBRIGHT-CA04-41EWA Datasheet
164Kb / 5P
   10.16MM(0.4INCH) FOUR DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MS457A MICRO-ELECTRONICS-MS457A Datasheet
83Kb / 2P
   RED 0.56 FOUR DIGIT NUMERIC DISPLAYS
MG456FA-GD MICRO-ELECTRONICS-MG456FA-GD Datasheet
70Kb / 2P
   GREEN 0.56 FOUR DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
CA25-11EWA KINGBRIGHT-CA25-11EWA Datasheet
506Kb / 5P
   6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAYS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com