Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1380C Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1380C
Description  18-Mb (512K x 36/1M x 18) Pipelined SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380C Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1380C Datasheet HTML 6Page - Cypress Semiconductor CY7C1380C Datasheet HTML 7Page - Cypress Semiconductor CY7C1380C Datasheet HTML 8Page - Cypress Semiconductor CY7C1380C Datasheet HTML 9Page - Cypress Semiconductor CY7C1380C Datasheet HTML 10Page - Cypress Semiconductor CY7C1380C Datasheet HTML 11Page - Cypress Semiconductor CY7C1380C Datasheet HTML 12Page - Cypress Semiconductor CY7C1380C Datasheet HTML 13Page - Cypress Semiconductor CY7C1380C Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CY7C1380C
CY7C1382C
Document #: 38-05237 Rev. *D
Page 10 of 36
ADSP
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled on
the rising edge of CLK, active LOW. When
asserted LOW, addresses presented to the device
are captured in the address registers. A1: A0 are
also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ASDP is ignored when CE1 is deasserted HIGH.
ADSC
85
P4
A8
Input-
Synchronous
Address Strobe from Controller, sampled on the
rising edge of CLK, active LOW. When asserted
LOW, addresses presented to the device are
captured in the address registers. A1: A0 are also
loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ZZ
64
T7
H11
Input-
Asynchronous
ZZ “sleep” Input, active HIGH. When asserted
HIGH places the device in a non-time-critical
“sleep” condition with data integrity preserved. For
normal operation, this pin has to be LOW or left
floating. ZZ pin has an internal pull-down.
DQs,
DQPs
58,59,62,
63,68,69,
72,73,8,9,
12,13,18,
19,22,23,
74,24
P7,K7,
G7,E7,
F6,H6,L6,N6,
D1,
H1,L1,
N1,E2,
G2,K2,
M2,D6,
P2
J10,K10,
L10,M10,
D11,E11,
F11,G11,J1,K1
,L1,M1,D2,E2,
F2,
G2,C11,N1
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed
into an on-chip data register that is triggered by the
rising edge of CLK. As outputs, they deliver the data
contained in the memory location specified by the
addresses presented during the previous clock rise
of the read cycle. The direction of the pins is
controlled by OE. When OE is asserted LOW, the
pins behave as outputs. When HIGH, DQs and
DQPX are placed in a tri-state condition.
VDD
15,41,65,
91
C4,J2,J4,J6,
R4
D4,D8,E4,E8,
F4,F8,
G4,G8,H4,
H8,J4,J8,
K4,K8,L4,
L8,M4,M8
Power Supply Power supply inputs to the core of the device.
VSS
17,40,67,
90
D3,D5,
E5,E3,F3,F5,
G5,
H3,H5,
K3,K5,L3,M3,
M5,
N3,N5,
P3,P5
H2,C4,C5,C6,
C7,C8,D5,D6,
D7,E5,E6,E7,
F5,F6,F7,
G5,G6,G7,
H5,H6,H7,J5,J
6,J7,
K5,K6,K7,
L5,L6,L7,
M5,M6,M7,N4,
N8
Ground
Ground for the core of the device.
VSSQ
5,10,21,26,55,
60,71,
76
-
-
I/O Ground
Ground for the I/O circuitry.
CY7C1382C:Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1380C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25-133AC CYPRESS-CY7C1380CV25-133AC Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25-167AC CYPRESS-CY7C1380CV25-167AC Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380CV25-167AC CYPRESS-CY7C1380CV25-167AC Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
More results

Similar Description - CY7C1380C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380B CYPRESS-CY7C1380B Datasheet
841Kb / 34P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380BV25 CYPRESS-CY7C1380BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com