Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6506F Datasheet(PDF) 6 Page - Rohm

Part # BA6506F
Description  Two-Phase Half-Wave Pre Driver Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6506F Datasheet(HTML) 6 Page - Rohm

Back Button BA6506F_12 Datasheet HTML 2Page - Rohm BA6506F_12 Datasheet HTML 3Page - Rohm BA6506F_12 Datasheet HTML 4Page - Rohm BA6506F_12 Datasheet HTML 5Page - Rohm BA6506F_12 Datasheet HTML 6Page - Rohm BA6506F_12 Datasheet HTML 7Page - Rohm BA6506F_12 Datasheet HTML 8Page - Rohm BA6506F_12 Datasheet HTML 9Page - Rohm BA6506F_12 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
6/12
TSZ02201-0H1H0B100490-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
BA6506F
www.rohm.com
●Application circuit example(Constant values are for reference)
Substrate design note
a) IC power, motor outputs, and motor ground lines are made as fat as possible.
b) IC ground (signal ground) line is common with the application ground except motor ground (i.e. hall ground etc.),
and arranged near to (–) land.
c) The bypass capacitor and/or Zenner diode are arrangement near to Vcc terminal.
d) H+ and H– lines are arranged side by side and made from the hall element to IC as shorter as possible,
because it is easy for the noise to influence the hall lines.
Fig.9 application circuit
Take a measur e against Vcc voltage
rise gener ated by reverse connection
of current and back electrom otive
force.
Set according to t he amplitude
of hall element output and hall
input v oltage range.
Connect
a
pull-up
resis tor
because open collector out put
is set .
Lock detection ON time and lock
detection OFF time can be set.
Output Tr is equipped externally.
Provide a back electr omotive force
regenerating current route by Z enner
diode for clamping.
HALL
LOG IC
1
2
3
4
8
7
6
5
Lock
Detec t
Aut o
Restart
REG
Vcc
H+
FG
H-
GND
LD
A1
A2
+
-
HALL
AMP
+
-
+
-
0.33μF
∼4.7μF


Similar Part No. - BA6506F_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results

Similar Description - BA6506F_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
Rohm
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com