Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6406F Datasheet(PDF) 11 Page - Rohm

Part # BA6406F
Description  Two-Phase Half-Wave Pre Driver Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6406F Datasheet(HTML) 11 Page - Rohm

Back Button BA6406F Datasheet HTML 7Page - Rohm BA6406F Datasheet HTML 8Page - Rohm BA6406F Datasheet HTML 9Page - Rohm BA6406F Datasheet HTML 10Page - Rohm BA6406F Datasheet HTML 11Page - Rohm BA6406F Datasheet HTML 12Page - Rohm BA6406F Datasheet HTML 13Page - Rohm BA6406F Datasheet HTML 14Page - Rohm BA6406F Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
11/12
Datasheet
Datasheet
TSZ02201-0H1H0B100480-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・14・001
BA6406F
www.rohm.com
●Operational Notes
1) Absolute maximum ratings
An excess in the absolute maximum rations, such as supply voltage, temperature range of operating conditions, etc.,
can break down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open
circuit. If any over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection
devices, such as fuses.
2) Connecting the power supply connector backward
Connecting of the power supply in reverse polarity can damage IC. Take precautions when connecting the power
supply lines. An external direction diode can be added.
3) Power supply line
Back electromotive force causes regenerated current to power supply line, therefore take a measure such as placing a
capacitor between power supply and GND for routing regenerated current. And fully ensure that the capacitor
characteristics have no problem before determine a capacitor value. (when applying electrolytic capacitors,
capacitance characteristic values are reduced at low temperatures)
4) GND potential
The potential of GND pin must be minimum potential in all operating conditions. Also ensure that all terminals except
GND terminal do not fall below GND voltage including transient characteristics. However, it is possible that the motor
output terminal may deflect below GND because of influence by back electromotive force of motor. Malfunction may
possibly occur depending on use condition, environment, and property of individual motor. Please make fully
confirmation that no problem is found on operation of IC.
5) Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation(Pd) in actual operating
conditions.
6) Inter-pin shorts and mounting errors
Use caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any
connection error or if pins are shorted together.
7) Actions in strong electromagnetic field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the IC to
malfunction.
8) ASO
When using the IC, set the output transistor so that it does not exceed absolute maximum rations or ASO.
9) Testing on application boards
When testing the IC on an application board, connecting a capacitor to a pin with low impedance subjects the IC to
stress. Always discharge capacitors after each process or step. Always turn the IC’s power supply off before
connecting it to or removing it from a jig or fixture during the inspection process. Ground the IC during assembly steps
as an antistatic measure. Use similar precaution when transporting or storing the IC.
10) GND wiring pattern
When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns,
placing a single ground point at the ground potential of application so that the pattern wiring resistance and voltage
variations caused by large currents do not cause variations in the small signal ground voltage. Be careful not to
change the GND wiring pattern of any external components, either.
11) Capacitor between output and GND
When a large capacitor is connected between output and GND, if Vcc is shorted with 0V or GND for some cause, it is
possible that the current charged in the capacitor may flow into the output resulting in destruction. Keep the capacitor
between output and GND below 100uF.
12) IC terminal input
When Vcc voltage is not applied to IC, do not apply voltage to each input terminal. When voltage above Vcc or below
GND is applied to the input terminal, parasitic element is actuated due to the structure of IC. Operation of parasitic
element causes mutual interference between circuits, resulting in malfunction as well as destruction in the last. Do not
use in a manner where parasitic element is actuated.


Similar Part No. - BA6406F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
BA6406F ROHM-BA6406F Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F Datasheet
88Kb / 5P
   Silicon Monolithic Integrated Circuit
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_11 Datasheet
88Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BA6406F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
Rohm
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com