Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ146N10LS5 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSZ146N10LS5
Description  OptiMOSTM5 Power-Transistor, 100 V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ146N10LS5 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSZ146N10LS5 Datasheet HTML 1Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 2Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 3Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 4Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 5Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 6Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 7Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 8Page - Infineon Technologies AG BSZ146N10LS5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
OptiMOSTM5Power-Transistor,100V
BSZ146N10LS5
Rev.2.2,2016-08-10
Final Data Sheet
1Maximumratings
atTA=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
ID
-
-
-
-
-
-
40
28
9
A
VGS=10V,TC=25°C
VGS=10V,TC=100°C
VGS=10V,TA=25°C,RthJA=60K/W1)
Pulsed drain current
2)
ID,pulse
-
-
160
A
TC=25°C
Avalanche energy, single pulse
3)
EAS
-
-
30
mJ
ID=20A,RGS=25
Gate source voltage
VGS
-20
-
20
V
-
Power dissipation
Ptot
-
-
-
-
52
2.1
W
TC=25°C
TA=25°C,RthJA=60K/W1)
Operating and storage temperature
Tj,Tstg
-55
-
150
°C
IEC climatic category;
DIN IEC 68-1: 55/150/56
2Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
1.4
2.4
K/W
-
Device on PCB,
minimal footprint
RthJA
-
-
62
K/W
-
Device on PCB,
6 cm
2 cooling area1)
RthJA
-
-
60
K/W
-
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
2) See Diagram 3 for more detailed information
3) See Diagram 13 for more detailed information


Similar Part No. - BSZ146N10LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ100N03LSG INFINEON-BSZ100N03LSG Datasheet
339Kb / 9P
   OptiMOS?? Power-MOSFET
Rev. 2.0 2010-03-19
BSZ100N03MSG INFINEON-BSZ100N03MSG Datasheet
337Kb / 9P
   OptiMOS?? M-Series Power-MOSFET
Rev. 2.0 2010-03-19
BSZ100N06LS3G INFINEON-BSZ100N06LS3G Datasheet
252Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-11-11
BSZ100N06NS INFINEON-BSZ100N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSZ105N04NSG INFINEON-BSZ105N04NSG Datasheet
333Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-03-19
More results

Similar Description - BSZ146N10LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD050N10N5 INFINEON-IPD050N10N5 Datasheet
972Kb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2017-01-17
ISC0804NLS INFINEON-ISC0804NLS Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
BSC070N10LS5 INFINEON-BSC070N10LS5 Datasheet
1Mb / 12P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.0,2019-04-01
ISC0806NLS INFINEON-ISC0806NLS Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISC0802NLS INFINEON-ISC0802NLS Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
BSZ096N10LS5 INFINEON-BSZ096N10LS5 Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2016-04-21
ISC0803NLS INFINEON-ISC0803NLS Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
ISZ0803NLS INFINEON-ISZ0803NLS Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2021-04-01
BSC096N10LS5 INFINEON-BSC096N10LS5 Datasheet
1Mb / 12P
   OptiMOSTM5 Power-Transistor, 100 V
Rev. 2.1, 2019-09-02
IST026N10NM5 INFINEON-IST026N10NM5 Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 100 V
Rev.2.0,2020-11-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com