Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFCM30U65GD Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IFCM30U65GD
Description  Control Integrated POwer System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFCM30U65GD Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IFCM30U65GD Datasheet HTML 6Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 7Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 8Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 9Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 10Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 11Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 12Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 13Page - Infineon Technologies AG IFCM30U65GD Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Datasheet
10
<Revision 1.0>
<2016-05-18>
Control Integrated POwer System (CIPOS™)
IFCM30U65GD
Dynamic Parameters
(VDD= 15V and Tj = 25°C, if not stated otherwise)
Description
Condition
Symbol
Value
Unit
min
typ
max
Turn-on propagation delay time
VLIN= 5V,
IC = 20A,
VDC= 400V
ton
-
610
-
ns
Turn-on rise time
tr
-
25
-
ns
Turn-on switching time
tc(on)
-
115
-
ns
Reverse recovery time
trr
-
90
-
ns
Turn-off propagation delay time
VLIN= 0V,
IC = 20A,
VDC= 400V
toff
-
700
-
ns
Turn-off fall time
tf
-
15
-
ns
Turn-off switching time
tc(off)
-
30
-
ns
Input filter time ITRIP
VITRIP = 1V
tITRIPmin
-
530
-
ns
Input filter time at LIN for turn on
and off
VLIN= 0V & 5V
tFILIN
-
290
-
ns
Fault clear time after ITRIP-fault
VITRIP = 1V
tFLTCLR
40
-
-
µs
IGBT turn-on energy (includes reverse
recovery of diode)
VDC= 400V, IC = 20A
TJ = 25°C
150°C
Eon
-
-
550
705
-
-
µJ
IGBT turn-off energy
VDC= 400V, IC = 20A
TJ = 25°C
150°C
Eoff
-
-
95
125
-
-
µJ
Diode recovery energy
VDC= 400V, IC = 20A
TJ = 25°C
150°C
Erec
-
-
80
120
-
-
µJ


Similar Part No. - IFCM30U65GD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFCM30T65GD INFINEON-IFCM30T65GD Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 1.0 2016-05-18
More results

Similar Description - IFCM30U65GD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com