Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2E052-BF Datasheet(PDF) 4 Page - ebm-papst

Part # M2E052-BF
Description  AC axial compact fan
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M2E052-BF Datasheet(HTML) 4 Page - ebm-papst

  M2E052-BF Datasheet HTML 1Page - ebm-papst M2E052-BF Datasheet HTML 2Page - ebm-papst M2E052-BF Datasheet HTML 3Page - ebm-papst M2E052-BF Datasheet HTML 4Page - ebm-papst M2E052-BF Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC axial compact fan
W2E143-AA09-25
Curves: Air performance 50 Hz
qv
m³/h
cfm
50
100
150
200
250
300
350
0
40
80
120
160
200
20
40
60
80
1
2
3
4
ρ = 1,15 kg/m³ ± 2%
Measurement: LU-26627
Air performance measured according to ISO
5801 installation category A. For detailed
information on the measurement setup,
contact ebm-papst. Intake sound level:
Sound power level according to ISO 13347 /
sound pressure level measured at 1 m
distance from fan axis. The values given are
valid under the specified measuring
conditions and may vary due to conditions of
installation. For deviations from the standard
configuration, the parameters have to be
checked on the installed unit.
Measured values
1
2
3
4
U
V
230
230
230
230
f
Hz
50
50
50
50
n
min-1
2800
2840
2825
2810
Pe
W
24
25
25
26
I
A
0.12
0.12
0.12
0.13
qv
m3/h
370
335
285
230
pfs
Pa
0
25
50
70
U = Power supply · f = Frequency · n = Speed · Pe = Power consumption · I = Current draw · qv = Air flow · pfs = Pressure increase
Item no. 12539-5-9980 · ENU · Change 77954 · Approved 2015-10-21 · Page 4 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - M2E052-BF

ManufacturerPart #DatasheetDescription
logo
ebm-papst
M2E052-BF EBMPAPST-M2E052-BF Datasheet
270Kb / 5P
   AC centrifugal fan
M2E052-BF EBMPAPST-M2E052-BF Datasheet
182Kb / 5P
   AC axial compact fan
M2E052-BF EBMPAPST-M2E052-BF Datasheet
193Kb / 5P
   AC axial compact fan
More results

Similar Description - M2E052-BF

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
   AC axial compact fan
5606S EBMPAPST-5606S Datasheet
287Kb / 4P
   AC axial compact fan
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
   AC axial compact fan
4606N EBMPAPST-4606N Datasheet
296Kb / 4P
   AC axial compact fan
5958 EBMPAPST-5958 Datasheet
293Kb / 4P
   AC axial compact fan
7806ES EBMPAPST-7806ES Datasheet
293Kb / 4P
   AC axial compact fan
8800TV EBMPAPST-8800TV Datasheet
220Kb / 3P
   AC axial compact fan
W4S200HK0401 EBMPAPST-W4S200HK0401 Datasheet
183Kb / 5P
   AC axial compact fan
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
   AC axial compact fan
4650N EBMPAPST-4650N Datasheet
296Kb / 4P
   AC axial compact fan
4580Z EBMPAPST-4580Z Datasheet
285Kb / 4P
   AC axial compact fan
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com